Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7756VF Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK7756VF
Description  DSP with Mono CODEC Mic/Lineout Amp
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7756VF Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK7756VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 12Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 13Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 14Page - Asahi Kasei Microsystems AK7756VF Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
[AK7756]
MS1218-E-00-PB
2010/08
11
DAC Characteristics
(Ta=25ºC; AVDD=DVDD=3.3V, DVDD18=1.8V; VSS1=VSS2=0V; BICK=64fs; Signal frequency 1 kHz;
Measurement frequency=20Hz~8 kHz, fs=16 kHz, CKM mode 6, unless otherwise specified.)
Parameter
min
typ
max
Unit
Resolution
24
Bits
Dynamic Characteristics; Mono DAC→AOUT pin
S/(N+D)
(0dBFS)
75
83
dB
S/N
83
91
dB
Analog Output
Full-scale Output Voltage (Note 12)
2.09
2.2
2.31
Vpp
Load Resistance
10
kΩ
Mono
DAC
Load Capacitance
30
pF
Note 12. Full scale output voltage. The output voltage is proportional to AVDD. Vout=0.67 x AVDD (typ.)


Similar Part No. - AK7756VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7750VT AKM-AK7750VT Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7752VQ AKM-AK7752VQ Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
More results

Similar Description - AK7756VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com