Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8130B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK8130B
Description  Low Power Multiclock Generator with VCXO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8130B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK8130B Datasheet HTML 1Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 2Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 3Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 4Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 5Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 6Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 7Page - Asahi Kasei Microsystems AK8130B Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AK8130B
MS0668-E-02
Feb-08
- 3 -
The brand name
of AKEMD’s IC’s
Absolute Maximum Rating
Over operating free-air temperature range unless otherwise noted
(1)
Items
Symbol
Ratings
Unit
Supply voltage
VDD
-0.3 to 4.6
V
Input voltage
Vin
VSS-0.3 to VDD+0.3
V
Input current (any pins except supplies)
IIN
±10
mA
Storage temperature
Tstg
-55 to 130
°C
Note
(1) Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied. Exposure to absolute-maximum-rating
conditions for extended periods may affect device reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
This device is manufactured on a CMOS process, therefore, generically susceptible to
damage by excessive static voltage. Failure to observe proper handling and
installation procedures can cause damage.
AKEMD recommends that this device is handled with
appropriate precautions.
Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating temperature
Ta
-20
85
°C
Supply voltage
(1)
VDD
3.0
3.3
3.6
V
Cp1
Pin: CLK1-4
15
pF
Output Load Capacitance
Cp2
Pin: REFOUT
25
pF
Note:
(1) Power to VDD1, VDD2 and VDD3 requires to be supplied from a single source.
A decoupling capacitor of
0.1
µF for power supply line should be installed close to each VDD pin.
ESD Sensitive Device


Similar Part No. - AK8130B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8130B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8131S AKM-AK8131S Datasheet
117Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8137A AKM-AK8137A Datasheet
699Kb / 11P
   Low Power Multiclock Generator with XO
AK8136A AKM-AK8136A Datasheet
602Kb / 18P
   Low Power Multiclock Generator with XO
AK8133 AKM-AK8133 Datasheet
326Kb / 10P
   Low Suprious Multiclock Generator for Audio
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY2VC521-2 CYPRESS-CY2VC521-2 Datasheet
255Kb / 9P
   Low Noise LVDS Clock Generator with VCXO
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com