Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8181A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8181A
Description  3.3V LVPECL 1:4 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

  AK8181A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AK8181A
Nov-2011
MS1342-E-00
- 6 -
Function Table
The following table shows the inputs/outputs clock state configured through the control pins.
Table 1: Control Input Function Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
Q0n:Q3n
0
0
CLK0
Disabled: Low
Disabled: High
0
1
CLK1
Disabled: Low
Disabled: High
1
0
CLK0
Enabled
Enabled
1
1
CLK1
Enabled
Enabled
After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge
as shown in Figure 7. In the active mode, the state of the outputs is a function of the CLK0 and CLK1 as
described in Table 2.
CLK0, CLK1
CLK_EN
Q0n : Q3n
Q0 : Q3
Disabled
Enabled
Figure 7 CLK_EN Timing Diagram
Table 2 Clock Input Function Table
Inputs
Outputs
CLK0 or CLK1
Q0 : Q3
Q0n : Q3n
0
Low
High
1
High
Low


Similar Part No. - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181B AKM-AK8181B Datasheet
541Kb / 4P
   AK8181B Evaluation Board
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
   AK8181D Evaluation Board
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com