Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8825 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK8825
Description  HD/SD Multi Format Video Encoder with 3ch DAC
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8825 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK8825 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8825 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
[AK8825]
Rev-E-00
1
2008/03
General Description
The AK8825 is a HD/SD TV Video Encoder with onchip 3-channel 10bit DAC.
As input data, in SDTV encoder mode, SMTE-125M / ITUR-R.BT601, 656 compatible Y/Cb/Cr 4:2:2 formats (8bit) are
accepted and in HDTV encoder mode, SMPTE-274M (1080i), SMPTE296M (720p) compatible Y/Cb/Cr 4:2:2 formats (8bit x 2)
are accepted.
As input data capture method, either a Synchronous mode to be made by detecting encoded EAV signal or a mode to
synchronize with externally-fed H/V SYNC signal is selectable.
Outputs of CVBS / SDY / SDC and HDY / HDPB / HDPR and R / G / B analog signal can be output exclusively.
VBI signal and Macrovision signal can be also superimposed on output in addition to Video signals by register setting.
AK8825 supports I2C compatible interface as Micro-Processor interface.
Features
Component Video Encoder
- Compatible Input Data
SMPTE125M-1995 / ITU-R BT601 (525i/625i)
SMPTE293M-1996 / ITU-R BT1358 (525p/625p)
SMPTE274M-1998 (1080i)
SMPTE296M-2001 (720p)
- Input Signal Format (525i / 625i, 525p / 625p, 1080i, 720P)
Y/Cb/Cr 4:2:2 (8bit x 1: 525i/625i)
Y/Cb/Cr 4:2:2 (8bit x 2: 525p/625p/1080i/720p)
RGB 6:6:6
RGB 5:6:5
- Input Clock
27MHz (525i / 625i / 525p / 625p) / 74.25MHz (1080i/720p)
- Output Signals
Y/Pb/Pr Interlace
Y/Pb/Pr Progressive
(EIA 770.2, EAI 770.3)
- Input Signal Synchronization
ITU-R.BT 656 I/F (EAV Decode)
Slave operation by HSYNC / VSYNC
(525i: ITU-R. BT601 Compatible 625i / 525p / 625p / 1080i / 720p; CEA-861-D Compatible)
- VBID (CGMS-A), CC/XDS, WSS, CEA-805-B (Type A/B)
- Macrovision 525i / 625i Rev.7.1.1L, 525p/625p Macrovision Progressive 1.2
- Internal Color bar Generator
- Internal Black Burst Generator
- Adjustable Y / Pb / Pr Delay Function
NTSC / PAL Composite Video Encoder
- NTSC-M, PAL-B, D, G, H, I. M, N Encoding
- Composite Video Output / S-Video Output
- Compatible Input Data
SMPTE125M-1995 / ITU-R BT601(525i/625i) Y/Cb/Cr 4:2:2 (8bit x 1)
RGB 6:6:6
RGB 5:6:5
- Input Signal Synchronization
ITU-R.BT 656 I/F (EAV Decode)
Slave operation by HSYNC / VSYNC
( 525i / 625i: ITU-R. BT601 Compatible)
- Input Clock
27MHz
- VBID(CGMS-A), CC/XDS, WSS
- Macrovision Rev. 7.1.L
AK8825
HD/SD Multi Format Video Encoder with 3ch DAC


Similar Part No. - AK8825

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
More results

Similar Description - AK8825

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8858 AKM-AK8858 Datasheet
890Kb / 96P
   PS/SD Multi Format Video Decoder
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
M/A-COM Technology Solu...
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com