Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V32220GU-8 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYS72V32220GU-8
Description  3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V32220GU-8 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYS72V32220GU-8 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 9Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 10Page - Siemens Semiconductor Group HYS72V32220GU-8 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HYS 64(72)V16200/3222(0)0/64220GU
SDRAM Modules
Semiconductor Group
7
1998-08-01
DC Characteristics
T
A = 0 to 70 °C; VSS = 0 V; VDD, VDDQ = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit
min.
max.
Input high voltage
V
IH
2.0
V
CC + 0.3
V
Input low voltage
V
IL
– 0.5
0.8
V
Output high voltage (
I
OUT = – 2.0 mA)
V
OH
2.4
V
Output low voltage (
I
OUT = 2.0 mA)
V
OL
0.4
V
Input leakage current, any input
(0 V <
V
IN < 3.6 V, all other inputs = 0 V)
I
I(L)
– 40
40
µA
Output leakage current
(DQ is disabled, 0 V <
V
OUT < VCC)
I
O(L)
– 40
40
µA
Capacitance
T
A = 0 to 70 °C; VDD = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
max.
32M
×64
max.
32M
×72
max.
32M
×64
max.
32M
×72
Input capacitance
(A0 to A11, BA0, BA1, RAS, CAS, WE)
C
I1
45
55
80
90
pF
Input capacitance (CS0 - CS3)
C
I2
20
25
30
35
pF
Input capacitance (CLK0 - CLK3)
C
ICL
22
38
22
38
pF
Input capacitance (CKE0, CKE1)
C
I3
22
38
50
55
pF
Input capacitance (DQMB0 - DQMB7)
C
I4
13
13
20
20
pF
Input/Output capacitance
(DQ0 - DQ63, CB0 - CB7)
C
IO
13
12
20
20
pF
Input Capacitance (SCL, SA0 - 2)
C
SC
8888pF
Input/Output Capacitance
C
SD
10
10
10
10
pF


Similar Part No. - HYS72V32220GU-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V32220GU-8-C2 INFINEON-HYS72V32220GU-8-C2 Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
More results

Similar Description - HYS72V32220GU-8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
logo
Infineon Technologies A...
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V32300GU INFINEON-HYS64V32300GU Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com