Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8825VN Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8825VN
Description  HD/SD Multi Format Video Encoder with 3ch DAC
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8825VN Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8825VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK8825VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 162 page
background image
[AK8825]
Rev-E-00
5
2008/03
1-2. NTSC/PAL Composite Video Encoder Block
Cb[7:0]
Interpolation
4:2:2 to 4:4:4
Y[9:0]
to DAC
13.5MHz
C[9:0]
to DAC
Y[7:0
Cr[7:0]
LPF-B
DFS
sin
cos
x2
LPF-C
U
V
C
x2
LPF-A
SYNC
Generator
SD-Timing
Generator
CGMS-A
WSS
CVBS[9:0]
to DAC
From
Clock Gen
27MHz
From
Timing
Generator
sin(x)/x
sin(x)/x
sin(x)/x
6.75MHz
13.5MHz
27MHz
Fig. 3 Composite Video Encoder Block
This Block described as Composite Video Encoder Block in this datasheet.
1-3 High Speed Video DAC mode
AK8825 can be used as High Speed Video DAC. This mode is described as Video DAC mode in this datasheet.
DAC1
DAC2
DATA[17:0]
DAC3
From
CLKIN
Data
Distributor
Level
Shifter
DATA[5:0] / DATA[4:0]
DATA[11:6] / DATA[10:5]
DATA[17:12] / DATA[15:11]
Delay
(unit CLK)
HDI
VDI
Delay
Delay
HDO
VDO
Fig. 4 High Speed Video ADC Block


Similar Part No. - AK8825VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
More results

Similar Description - AK8825VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8858 AKM-AK8858 Datasheet
890Kb / 96P
   PS/SD Multi Format Video Decoder
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
M/A-COM Technology Solu...
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com