Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4118A-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4118A-A
Description  AK4118A Evaluation Board Rev.0
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4118A-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4118A-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4118A-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
[AKD4118A-A]
[KM100300]
2009/08
- 1 -
GENERAL DESCRIPTION
AKD4118A-A is the evaluation board for AK4118A, 192kHz digital audio transceiver. This board has
optical and BNC connector to interface with other digital audio equipment.
Ordering guide
AKD4118A-A
---
Evaluation board for AK4118A
(A cable for connecting with printer port of IBM-AT compatible PC
and a control software are packed with this. The control software
does not operate on Windows NT.)
FUNCTION
Digital interface
-S/PDIF :
8 channel input (optical or BNC)
2 channel output (optical or BNC )
- Serial audio data I/F :
1 input/output (for DIR deta output/DIT data input. 10-pin port)
-B,C,U,V bit :
1 input/output port (10-pin port)
-Serial control data I/F
1 input/output port (10-pin port)
RX0
RX1
AK4118A
B,C,U,V
Control
5V
GND
Opt
RX7
TX0
Serial Data out
(For DIR)
REG
3.3V
TX1
Opt
Figure 1. AKD4118A-A Block Diagram
*Circuit diagram and PCB layout are attached at the end of this manual.
AK4118A Evaluation Board Rev.0
AKD4118A-A


Similar Part No. - AKD4118A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4118A AKM-AKD4118A Datasheet
690Kb / 56P
   High Feature 192kHz 24bit Digital Audio I/F Transceiver
More results

Similar Description - AKD4118A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com