Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4122A-A Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4122A-A
Description  Evaluation board Rev.0 for AK4122A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4122A-A Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4122A-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4122A-A Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
[AKD4122A-A]
(4) Setting for Output port (AK4122A PORT2)
(4-1) Slave mode
1. When using DIT function of AK4114 (U13)
When using X’tal (X1) and PORT8 (DIT2), nothing should be connected to PORT6 (DIR2) and PORT7
(DSP2). Set JP18 (MCLK2) to the “DIR” when MCLK is supplied to the AK4122A. When MCLK frequency
is changed, the value of X’tal (X1) frequency should be changed according to MCLK frequency.
JP15
SDTIO
JP16
BICK2
EXT
DIR
JP17
LRCK2
EXT
DIR
JP18
MCLK2
EXT
DIR
• SW3 setting (See Table 11,Table 12,Table 13)
Upper-side is “H” and lower-side is “L”.
SW3 No.
Name
ON (“H”)
OFF (“L”)
1
OCKS
AK4114 Master Clock Output Setting
Refer to Table 12
2
DIF0
3
DIF1
4
DIF2
AK4114 Audio Format Setting
Refer to Table 13
Table 11. SW3 setting
Mode
OCKS
MCKO1
X’tal
fs
0
0
256fs
256fs
∼ 96kHz
Default
1
1
512fs
512fs
∼ 48kHz
Table 12. AK4114 MCKO1 setting
AK4114
AK4122A
Mode
Audio I/F Format
DIF2
DIF1
DIF0
IDIF1
IDIF0
0
24bit, MSB justified
1
0
0
0
0
1
24bit, MSB justified
1
0
0
0
1
Default
2
24bit, I
2S Compatible
1
0
1
1
0
3
24bit, MSB justified
1
0
0
1
1
Table 13. AK4114 Audio interface format setting
* IDIF1-0 of the AK4122A is set by the register.
<KM099400>
2009/03
- 11 -


Similar Part No. - AKD4122A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4122A AKM-AKD4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AKD4122A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AKD4184A-A AKM-AKD4184A-A Datasheet
712Kb / 25P
   Evaluation Board Rev.0 for AK4184A
AKD4627-A AKM-AKD4627-A Datasheet
1Mb / 72P
   Evaluation board Rev.0 for AK4627
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
AKD4554 AKM-AKD4554 Datasheet
822Kb / 27P
   Evaluation board Rev.0 for AK4554
AKD4642 AKM-AKD4642 Datasheet
926Kb / 34P
   Evaluation board Rev.0 for AK4642
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com