Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V2100GU-10 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYS72V2100GU-10
Description  3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V2100GU-10 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYS72V2100GU-10 Datasheet HTML 2Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 9Page - Siemens Semiconductor Group HYS72V2100GU-10 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HYS64(72)V2100G(C)U-10
2M x 64/72 SDRAM-Module
Semiconductor Group
6
Standby and Refresh Currents (Ta = 0 to 70
oC, VCC = 3.3V
± 0.3V)
Parameter
Symbol
Test Condition
Note
X64
X72
Operating Current
Icc1
Burst length = 4, CL=3
trc>=trc(min.),
tck>=tck(min.), Io=0 mA
2 bank interleave operation
800
900
mA
mA
1,2
Precharged Standby
Current in Power
Down Mode
Icc2P
CKE<=VIL(max), tck>=tck(min.)
24
27
mA
Icc2PS
CKE<=VIL(max), tck=infinite
16
18
mA
Precharged Standby
Current in Non-
power
Down Mode
Icc2N
CKE>=VIH(min), tck>=tck (min.),
input changed once in 3 cycles
160
180
mA CS=
High
Icc2NS
CKE>=VIH(min), tck=infinite,
no input change
80
90
mA
Active Standby
Current in Power
Down Mode
Icc3P
CKE<=VIL(max), tck>=tck(min.)
24
27
mA
Icc3PS
CKE<=VIL(max), tck=infinite
16
18
mA
Active Standby
Current in Non-
power Down Mode
Icc3N
CKE>=VIH(min), tck>=tck (min.)
input changed one time
200
225
mA CS=
High
Icc3NS
CKE=>VIH(min),tck=infinite,
no input change
120
135
mA
Burst Operating
Current
Icc4
Burst length = full page,
trc = infinite, CL = 3,
tck>=tck (min.), Io = 0 mA
2 banks activated
760
855
mA
mA
1,2
Auto (CBR) Refresh
Current
Icc5
trc>=trc(min)
720
810
mA
mA
1,2
Self Refresh Current
Icc6
CKE=<0,2V
16
18
mA
1,2


Similar Part No. - HYS72V2100GU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V2200GU-10 SIEMENS-HYS72V2200GU-10 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS72V2200GU-8 SIEMENS-HYS72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS72V2200GU-8-3 SIEMENS-HYS72V2200GU-8-3 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
logo
Infineon Technologies A...
HYS72V2563201GR-7-A INFINEON-HYS72V2563201GR-7-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V2563201GR-75-A INFINEON-HYS72V2563201GR-75-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V2100GU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
logo
Siemens Semiconductor G...
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com