Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V1000GU-50 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYS72V1000GU-50
Description  3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V1000GU-50 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYS72V1000GU-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V1000GU-50 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HYS64(72)V1000GS-10/-12/-15
1M x 64/72 SDRAM-Module
Semiconductor Group
3
Pin Configuration
Note : Pinnames in brackets are for the x72 ECC versions
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
1
VSS
43
VSS
85
VSS
127
VSS
2
DQ0
44
DU
86
DQ32
128
CKE
3
DQ1
45
CS2
87
DQ33
129
CS3
4
DQ2
46
DQMB2
88
DQ34
130
DQMB6
5
DQ3
47
DQMB3
89
DQ35
131
DQMB7
6VCC
48
DU
90
VCC
132
NC
7
DQ4
49
VCC
91
DQ36
133
VCC
8
DQ5
50
NC
92
DQ37
134
NC
9
DQ6
51
NC
93
DQ38
135
NC
10
DQ7
52
NC (CB2)
94
DQ39
136
CB6
11
DQ8
53
NC (CB3)
95
DQ40
137
CB7
12
VSS
54
VSS
96
VSS
138
VSS
13
DQ9
55
DQ16
97
DQ41
139
DQ48
14
DQ10
56
DQ17
98
DQ42
140
DQ49
15
DQ11
57
DQ18
99
DQ43
141
DQ50
16
DQ12
58
DQ19
100
DQ44
142
DQ51
17
DQ13
59
VCC
101
DQ45
143
VCC
18
VCC
60
DQ20
102
VCC
144
DQ52
19
DQ14
61
NC
103
DQ46
145
NC
20
DQ15
62
DU
104
DQ47
146
DU
21
NC (CB0)
63
NC
105
NC (CB4)
147
NC
22
NC (CB1)
64
VSS
106
NC (CB5)
148
VSS
23
VSS
65
DQ21
107
VSS
149
DQ53
24
NC
66
DQ22
108
NC
150
DQ54
25
NC
67
DQ23
109
NC
151
DQ55
26
VCC
68
VSS
110
VCC
152
VSS
27
WE
69
DQ24
111
CAS
153
DQ56
28
DQMB0
70
DQ25
112
DQMB4
154
DQ57
29
DQMB1
71
DQ26
113
DQMB5
155
DQ58
30
CS0
72
DQ27
114
CS1
156
DQ59
31
DU
73
VCC
115
RAS
157
VCC
32
VSS
74
DQ28
116
VSS
158
DQ60
33
A0
75
DQ29
117
A1
159
DQ61
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
VSS
120
A7
162
VSS
37
A8
79
CLK2
121
A9
163
CLK3
38
A10
80
NC
122
A11=BS
164
NC
39
NC
81
NC
123
NC
165
SA0
40
VCC
82
SDA
124
VCC
166
SA1
41
VCC
83
SCL
125
CLK1
167
SA2
42
CLK0
84
VCC
126
NC
168
VCC


Similar Part No. - HYS72V1000GU-50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V128300GR-7-A INFINEON-HYS72V128300GR-7-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V128300GR-75-A INFINEON-HYS72V128300GR-75-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-7-D INFINEON-HYS72V1283201GR-7-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-75-C2 INFINEON-HYS72V1283201GR-75-C2 Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-75-D INFINEON-HYS72V1283201GR-75-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V1000GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Hanbit Electronics Co.,...
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com