Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V16200GU-8B Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYS72V16200GU-8B
Description  3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V16200GU-8B Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYS72V16200GU-8B Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 9Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 10Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 11Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 12Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 13Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 14Page - Siemens Semiconductor Group HYS72V16200GU-8B Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HYS 64(72)V16200/3222(0)0/64220GU
SDRAM Modules
Semiconductor Group
11
1998-08-01
Notes
1.
An initial pause of 100
µs is required after power-up, then a Precharge All Banks command
must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set
Operation can begin.
2.
AC timing tests have
V
IL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V
crossover point. The transition time is measured between
V
IH and VIL. All AC measurements
assume
t
T = 1 ns with the AC output load circuit show. Specified tAC and tOH parameters are
measured with a 50 pF only, without any resisitve termination and with a input signal of 1 V/ns
edge rate between 0.8 V and 2.0 V.
3.
If clock rising time is longer than 1 ns, a time (
t
T/2 – 0.5) ns has to be added to this parameter.
4.
Rated at 1.5 V
5.
If
t
T is longer than 1 ns, a time (tT – 1) ns has to be added to this parameter.
6.
Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh
commands must be given to “wake-up” the device.
7.
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after
CKE returns high. Self Refresh Exit is not complete until a time period equal to
t
RC is satisfied
once the Self Refresh Exit command is registered.
8.
Referenced to the time which the output achieves the open circuit condition, not to output
voltage levels.
SPT03404
CLOCK
2.4 V
0.4 V
INPUT
HOLD
t
SETUP
t
t
T
OUTPUT
1.4 V
t
LZ
AC
t
t
AC
OH
t
HZ
t
1.4 V
CL
t
CH
t
50 pF
I/O
Measurement conditions for
t
AC and tOH


Similar Part No. - HYS72V16200GU-8B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V16220GU-10 SIEMENS-HYS72V16220GU-10 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS72V16220GU-8 SIEMENS-HYS72V16220GU-8 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - HYS72V16200GU-8B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
logo
Infineon Technologies A...
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V32300GU INFINEON-HYS64V32300GU Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com