Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4392-SB Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4392-SB
Description  AK4392 Sound quality evaluation board Rev.0
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4392-SB Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4392-SB Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4392-SB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
[AKD4392-SB]
<KM099800>
4
2009/06
The frequency of the master clock output is set by OCKS0 and OCKS1 as shown in Table 4.
OCKS1
OCKS0
MCLK Frequency
L
L
256fs @fs=88.2/96kHz
H
L
512fs @fs=32/44.1/48kHz
(Default)
H
H
128fs @fs=176.4/192kHz
Table 4. MCLK Clock
SW3 setting
[SW3](PDN): Reset of AK4392. Select “H” during operation
.
External Analog Circuit
The differential output circuit and LPF is implemented on board. The differential outputs of AK4392 is buffered by non-inverted circuit(2
nd
order LPF, fc=106.4k, Q=0.698, G=+3.9dB). LPF adds differential outputs(1
st order LPF, fc=284k, G=-0.84dB). LME49710NA is used
for op-amp on this board that has low noise and high voltage torelance characteristics. Analog signal is output via BNC connectors on the
board. The output level is about 2.8Vrms (typ@VREF=5.0V) by BNC.
220
100u
220
AOUTL-
6.8n
680
6.8n
6
4
3
2
7
10u
0.1u
0.1u
10u
10u
LME49710NA
220
100u
220
AOUTL+
6.8n
680
6.8n
6
4
3
2
7
10u
0.1u
0.1u
10u
LME49710NA
0.1u
+
LME49710NA
0.1u
10u
100
4
3
2
1.0n
620
620
560
7
+
+
+
+
-
+
-
+
+
+
-
+
+
1.0n
Lch
-15
+15
6
Figure 2. External Analog Filter
AKD4392-SB
Filter
40kHz (Double)
80kHz (quad)
Internal Filter
-0.3dB
-1dB
External LPF
-0.12dB
-1.3dB
Total
-0.42dB
-2.3dB
This table shows typical value.
Table 5. Frequency Responses


Similar Part No. - AKD4392-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4392 AKM-AKD4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
More results

Similar Description - AKD4392-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4399-SB AKM-AKD4399-SB Datasheet
409Kb / 31P
   AK4399 Sound quality evaluation board Rev.4
AKD4390-SA AKM-AKD4390-SA Datasheet
569Kb / 29P
   AK4390 Sound quality evaluation board Rev.2
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com