Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4420-SC Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4420-SC
Description  AK4420 Evaluation Board Rev.2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4420-SC Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4420-SC Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4420-SC Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
[AKD4420-SC]
KM091904
2009/07
- 4 -
Setting of DIP switch
[SW1]: AK4115 setting
No.
Pin
OFF (“L”)
ON (“H”)
Default の状態
1
OCKS0
OFF
2
OCKS1
AK4115’s Master Clock setting
Look Table 3
ON
Table 2. SW1 setting
OCKS1
OCKS0
MCLK Frequency
0
0/1
256fs @ fs=96kHz
1
0
512fs @ fs=48kHz
1
1
128fs @ fs=192kHz
Default
Table 3. MCLK clock setting
Setting of SW2 switch
[SW2](PDN): Reset of AK4115. Keep “H” during normal operation.


Similar Part No. - AKD4420-SC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4420 AKM-AKD4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AKD4420 AKM-AKD4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4420-SC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com