Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4430-SA Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4430-SA
Description  AK4430 Evaluation Board Rev.1
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4430-SA Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4430-SA Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4430-SA Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
[AKD4430-SA]
Board Outline Chart
Outline Chart
VDD
AGND
SW2
U3
TEST1
PORT2
1
10
VCC
CVDD
REG
T1
LOUT
ROUT
T2
COAX
U2
1
SW1
H
L
U1
1
PORT1
Figure 2. AKD4430-SA Outline Chart
Comment
(1) LOUT, ROUT (BNC-JACK)
It is analog signal output Jack. The signal is output from LOUT/ROUT pins.
(2) COAX, PORT1, PORT2 (Digital signal connector)
COAX (BNC-JACK): Digital signal (SPDIF, Fs: 24~48kHz) is input to the AK4115. (Default)
PORT1 (Optical Connecter): Optical digital signal (SPDIF, Fs: 32~48kHz) is input to the AK4115.
PORT2 (10 pin header): The clock and data can be input and output with this connector.
(3) REG, VDD, AGND, CVDD, VCC
These are the power supply connectors. Connect power supply with these pins.
As for the detail comments, refer to the setup of power supply in P3.
(4) SW1, SW2 (Switch)
SW1: Setting of frequency of MCKO that is output from AK4115.
SW2: Reset of AK4115. Keep “H” during normal operation.
KM101701
2010/04
- 2 -


Similar Part No. - AKD4430-SA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4430 AKM-AKD4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4430-SA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4711-A AKM-AKD4711-A Datasheet
1,010Kb / 30P
   AK4711 Evaluation Board Rev.1
AKD7600-A AKM-AKD7600-A Datasheet
2Mb / 45P
   AK7600VF Evaluation Board Rev.1
AKD4213-B AKM-AKD4213-B Datasheet
611Kb / 35P
   AK4213 Evaluation Board Rev.1
AKD4421A-SA AKM-AKD4421A-SA Datasheet
600Kb / 22P
   AK4421A Evaluation Board Rev.1
AKD4424-SA AKM-AKD4424-SA Datasheet
594Kb / 22P
   AK4424 Evaluation Board Rev.1
AKD4203-A AKM-AKD4203-A Datasheet
1Mb / 19P
   AK4203 Evaluation Board Rev.1
AKD4373-B AKM-AKD4373-B Datasheet
966Kb / 34P
   AK4373 Evaluation Board Rev.1
AKD4710-A AKM-AKD4710-A Datasheet
1Mb / 30P
   AK4710 Evaluation Board Rev.1
AKD4683 AKM-AKD4683 Datasheet
830Kb / 74P
   AK4683 Evaluation Board Rev.1
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com