Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V1000GU-70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYS72V1000GU-70
Description  3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V1000GU-70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYS72V1000GU-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V1000GU-70 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HYS64(72)V1000GS-10/-12/-15
1M x 64/72 SDRAM-Module
Semiconductor Group
2
The HYS64(72)V1000GS-10/-12/-15 are industry standard 168-pin 8-byte Dual in-line Memory
Modules (DIMMs) which are organised as 1M x 64 and 1M x 72 high speed memory arrays
designed with Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs
use four 1M x 16 SDRAMs for the 1M x 64 organisation and an additional SDRAM for the 1M x 72
organisation. Decoupling capacitors are mounted on the PC board.
The DIMMs use optional serial presence detects implemented via a serial E2PROM using the two
pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128
bytes are available to the end user.
All SIEMENS 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133,35 mm
long footprint.
Ordering Information
Pin Names
Address Format:
Type
Ordering Code
Package
Descriptions
HYS 64V1000GU-50
L-DIM-168-15
100 Mhz 1M x 64 SDRAM module
HYS 64V1000GU-60
L-DIM-168-15
83 Mhz 1M x 64 SDRAM module
HYS 64V1000GU-70
L-DIM-168-15
66 MHz 1M x 64 SDRAM module
HYS 72V1000GU-50
L-DIM-168-15
100 MHz 1M x 72 SDRAM module
HYS 72V1000GU-50
L-DIM-168-15
83 Mhz 1M x 72 SDRAM module
HYS 72V1000GU-70
L-DIM-168-15
66 Mhz 1M x 72 SDRAM module
A0-A10
Address Inputs
A11 (BS)
Bank Select
DQ0 - DQ63
Data Input/Output
CB0-CB7
Check Bits (x72 organisation only)
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Read / Write Input
CKE
Clock Enable
CLK0 - CLK3
Clock Input
DQMB0 - DQMB7
Data Mask
CS0 - CS3
Chip Select
Vcc
Power (+3.3 Volt)
Vss
Ground
SCL
Clock for Presence Detect
SDA
Serial Data Out for Presence Detect
N.C.
No Connection
Part Number
SDRAM
banks
Rows
Columns
Refresh
Period
Interval
1M x 64
HYS 64V1000GS
2
11
8
4k
64 ms
15,6
µs
1M x 72
HYS 72V1000GS
2
11
8
4k
64 ms
15,6
µs


Similar Part No. - HYS72V1000GU-70

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V128300GR-7-A INFINEON-HYS72V128300GR-7-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V128300GR-75-A INFINEON-HYS72V128300GR-75-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-7-D INFINEON-HYS72V1283201GR-7-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-75-C2 INFINEON-HYS72V1283201GR-75-C2 Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V1283201GR-75-D INFINEON-HYS72V1283201GR-75-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V1000GU-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Hanbit Electronics Co.,...
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com