Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V2100GCU-10 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYS72V2100GCU-10
Description  3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V2100GCU-10 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYS72V2100GCU-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 9Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 10Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 11Page - Siemens Semiconductor Group HYS72V2100GCU-10 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HYS64(72)V2100G(C)U-10
2M x 64/72 SDRAM-Module
Semiconductor Group
11
SPD-Table (cont’d)
Byte#
Description
SPD Entry Value
Hex
x64
x72
28
Minimum Row Active to Row Active delay
tRRD
20 ns
14
14
29
Minimum RAS to CAS delay tRCD
30 ns
1E
1E
30
Minimum RAS pulse width tRAS
45 ns
2D
2D
31
Module Bank Density (per bank)
16 MByte
04
04
32-61 Superset information (may be used in
future)
FF
FF
62
SPD Revision
Revision 1
01
01
63
Checksum for bytes 0 - 62
F3
05
64-
127
Manufactures’s information (optional)
(FFh if not used)
FF
FF
128+ Unused storage locations
FF
FF
L-DIM-168-27
SDRAM DIMM Module package
133,35
1
84
10 11
40
41
85
127,35
168
124
125
66,68
42,18
6,35
2,0
Detail B
6,35
2,0
Detail A
Detail C
1,27
1,0 + 0.5
-
AC
AB
3,0
+
-
0,2 0,15
DM168-27.WMF(EWK)
94
95


Similar Part No. - HYS72V2100GCU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V2200GU-10 SIEMENS-HYS72V2200GU-10 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS72V2200GU-8 SIEMENS-HYS72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS72V2200GU-8-3 SIEMENS-HYS72V2200GU-8-3 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
logo
Infineon Technologies A...
HYS72V2563201GR-7-A INFINEON-HYS72V2563201GR-7-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V2563201GR-75-A INFINEON-HYS72V2563201GR-75-A Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V2100GCU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
logo
Siemens Semiconductor G...
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com