Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V8000GU-10 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYS72V8000GU-10
Description  3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYS72V8000GU-10 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYS72V8000GU-10 Datasheet HTML 3Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 9Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 10Page - Siemens Semiconductor Group HYS72V8000GU-10 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HYS64(72)V8000GU-10
8M x 64/72 SDRAM-Module
Semiconductor Group
9
Notes:
1. The specified values are valid when addresses are changed no more than once during tck(min.)
and when No Operation commands are registered on every rising clock edge during tRC(min).
2. The specified values are valid when data inputs (DQ’s) are stable during tRC(min.).
3. An initial pause of 100
µs is required after power-up, then a Precharge All Banks command must
be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can
begin.
4. AC timing tests have Vil = 0.4 V and Vih = 2.4 V with the timing referenced to the 1.4 V crossover
point. The transition time is measured between V ih and Vil. All AC measurements assume tT=1ns
with the AC output load circuit shown.
5. If clock rising time is longer than 1 ns, a time (t T/2 -0.5) ns has to be added to this parameter.
6. If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter.
7. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh
commands must be given to “wake-up“the device.
8. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after
CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied
once the Self Refresh Exit command is registered.
9. Referenced to the time which the output achieves the open circuit condition, not to output voltage
levels.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+ 1.4 V
50 Ohm
2.4 V
0.4 V
tT
fig.1
tCH
tCL


Similar Part No. - HYS72V8000GU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V8200GU-10 SIEMENS-HYS72V8200GU-10 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS72V8200GU-8 SIEMENS-HYS72V8200GU-8 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - HYS72V8000GU-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
logo
Mosel Vitelic, Corp
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
logo
Siemens Semiconductor G...
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com