Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4440-A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4440-A
Description  AK4440 Evaluation Board Rev.3
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4440-A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4440-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4440-A Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
[AKD4440-A]
<KM097204>
2009/5
- - 9 - -
[Write]: Data Writing Dialog
It is for when changing two or more bits on the same address at the same time.
Click [Write] button located on the right of the each corresponded address for a pop-up dialog box.
When checking the checkbox, the register will be “H” or “1”, when not checking the register will be “L” or ”0”.
Click [OK] to write setting value to the registers, or click [Cancel] to cancel this setting.
[Read]: Data Read
Click [Read] button located on the right of the each corresponded address to execute register reading.
After register reading, the display will be updated regarding to the register status.
Button Down indicates “H” or “1” and the bit name is in red (when read only it is in deep red).
Button Up indicates “L” or “0” and the bit name is in blue (when read only it is in gray)
Please be aware that button statuses will be changed by Read command.


Similar Part No. - AKD4440-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4440 AKM-AKD4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
More results

Similar Description - AKD4440-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4115-A AKM-AK4115-A Datasheet
427Kb / 32P
   Evaluation Board Rev.3
AKD4955-A AKM-AKD4955-A Datasheet
3Mb / 89P
   AK4955 Evaluation Board Rev.3
AKD4115-A AKM-AKD4115-A Datasheet
428Kb / 32P
   AK4115 Evaluation Board Rev.3
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com