Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5367A-A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD5367A-A
Description  AK5367A Evaluation Board Rev.0
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5367A-A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD5367A-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5367A-A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
[AKD5367A-A]
<KM095000>
2008/06
- 6 -
Other Jumper Pins Set Up
1. JP1 (GND): Analog and Digital ground
OPEN: Separated. <Default>
SHORT: Common. (The connector “DGND” can be open.)
2. JP2 (DVDD): Select AVDD for AK5367A
OPEN: Supply from DVDD connector. <Default>
SHORT: Supply from regulator T1. In this case, DVDD connector should be open.
3. JP3 (CVDD): Select DVDD for AK5367A
OPEN: Supply from CVDD connector. <Default>
SHORT: Supply from regulator T1. In this case, CVDD connector should be open.
4. JP4 (D3V): Select D3V for AK4104 and logic circuit
OPEN: Supply from D3V connector. <Default>
SHORT: Supply from regulator T1. In this case, D3V connector should be open.
5. JP11 (SBICK), JP12 (SLRCK): Select MCLK frequency
256: MCLK=256fs (=12.288MHz@fs=48kHz) <Default>
512: MCLK=512fs (=24.576MHz@fs=48kHz)
The Function of the Toggle SW
Upper-side is “H” and lower-side is “L”.
[SW1] (5367_PDN): Resets of AK5367A. Keep “H” during normal operation.
[SW2] (DIT_PDN): Resets of AK4104. Keep “H” during normal operation.
Serial Control
AKD5367A-A can be controlled through the printer port of IBM-AT compatible machine (parallel port). Please
connect PORT3 (uP-I/F) and PC with bundled ten line flat cable.
10 wire
flat cable
10pin Connector
Connect
PC
AKD5367A-A
SDA(ACK)
SCL
SDA
10pin Header
10
1
PORT3
uP-I/F
Figure 8. 10pin Header Connecting


Similar Part No. - AKD5367A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5367A AKM-AKD5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
More results

Similar Description - AKD5367A-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com