Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC66-222-620 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # PC66-222-620
Description  3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PC66-222-620 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button PC66-222-620 Datasheet HTML 2Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 3Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 4Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 5Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 6Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 7Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 8Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 9Page - Siemens Semiconductor Group PC66-222-620 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HYS64(72)V4200/8220GU
SDRAM-Modules
Semiconductor Group
6
DC Characteristics
T
A = 0 to 70 °C; VSS = 0 V; VDD,VDDQ = 3.3 V ± 0.3 V
Capacitance
T
A = 0 to 70 °C; VDD = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input high voltage
V
IH
2.0
Vcc+ 0.3
V
Input low voltage
V
IL
– 0.5
0.8
V
Output high voltage (
I
OUT = – 2.0 mA)
V
OH
2.4
V
Output low voltage (
I
OUT = 2.0 mA)
V
OL
–0.4
V
Input leakage current, any input
(0 V <
V
IN < 3.6 V, all other inputs = 0 V)
I
I(L)
– 10
10
µA
Output leakage current
(DQ is disabled, 0 V <
V
OUT < VCC)
I
O(L)
– 10
10
µA
Parameter
Symbol
Limit Values
Unit
max.
4M x 72
max.
8M x 72
Input capacitance (A0 to A11, RAS, CAS, WE)
C
I1
tbd.
tbd.
pF
Input capacitance (CS0 -CS3, )
C
I2
tbd.
tbd.
pF
Input capacitance (CLK0 - CLK3)
C
ICL
tbd.
tbd.
pF
Input capacitance (CKE0, CKE1)
C
I3
tbd.
tbd.
pF
Input capacitance (DQMB0 - DQMB7)
C
I4
tbd.
tbd.
pF
Input / Output capacitance
(DQ0-DQ63,CB0-CB7)
C
IO
tbd.
tbd.
pF
Input Capacitance (SCL,SA0-2)
Csc
88
pF
Input/Output Capacitance
Csd
10
10
pF


Similar Part No. - PC66-222-620

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PC66-222-920 SIEMENS-PC66-222-920 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
PC66-222-920 SIEMENS-PC66-222-920 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - PC66-222-620

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
logo
Infineon Technologies A...
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com