Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11100EUB+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11100EUB+
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11100EUB+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11100EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11100EUB+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX11100
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = 5V, fSCLK = 4.8MHz, CLOAD = 50pF, CREF = 4.7FF, VREF = 4.096V, TA = +25NC, unless otherwise noted.)
SUPPLY CURRENT
vs. TEMPERATURE
0.5
1.0
1.5
2.0
2.5
0
TEMPERATURE (°C)
60
35
10
-15
-40
85
IDVDD
IAVDD
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
1.82
1.84
1.86
1.88
1.90
1.80
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-40
85
50
25
100
75
150
125
0
OFFSET ERROR
vs. ANALOG SUPPLY VOLTAGE
-300
-100
100
300
500
-500
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.15
5.05
4.95
4.85
4.75
5.25
0
4
2
8
6
12
10
14
18
16
20
SAMPLE RATE (ksps)
100
10
0.0010
0.0100
0.1000
1.0000
10.0000
0.0001
1
1000
SUPPLY CURRENT vs. SAMPLE RATE
IAVDD
IDVDD


Similar Part No. - MAX11100EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101EUB++ MAXIM-MAX11101EUB+ Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX11100EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com