Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL223AT Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL223AT
Description  PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL223AT Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL223AT Datasheet HTML 1Page - Siemens Semiconductor Group IL223AT Datasheet HTML 2Page - Siemens Semiconductor Group IL223AT Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
4–10
IL221AT/IL222AT/IL223AT
PHOTODARLINGTON
SMALL OUTLINE
SURFACE MOUNT OPTOCOUPLER
Package Dimensions in Inches (mm)
FEATURES
High Current Transfer Ratio, I
F=1 mA,
IL221AT, 100% Minimum
IL222AT, 200% Minimum
IL223AT, 500% Minimum
Withstand Test Voltage, 2500 VAC
RMS
Electrical Specifications Similar to
Standard 6 Pin Coupler
Industry Standard SOIC-8 Surface
Mountable Package
Standard Lead Spacing, .05"
Available in Tape and Reel (suffix T)
(Conforms to EIA Standard RS481A)
Compatible with Dual Wave, Vapor Phase
and IR Reflow Soldering
Underwriters Lab File #E52744
(Code Letter P)
DESCRIPTION
The IL221AT/IL222AT/IL223AT is a high current
transfer ratio (CTR) optocoupler with a Gallium
Arsenide infrared LED emitter and a silicon NPN
photodarlington transistor detector.
This device has a CTR tested at an 1 mA LED
current. This low drive current permits easy interfac-
ing from CMOS to LSTTL or TTL.
This optocoupler is constructed in a standard SOIC-
8 foot print which makes it ideally suited for high
density applications. In addition to eliminating
through-holes requirements, this package conforms
to standards for surface mounted devices.
Maximum Ratings
Emitter
Peak Reverse Voltage ............................................ 6.0 V
Continuous Forward Current ............................... 60 mA
Power Dissipation at 25
°C .................................. 90 mW
Derate Linearly from 25
°C ............................ 1.2 mW/°C
Detector
Collector-Emitter Breakdown Voltage ..................... 30 V
Emitter-Collector Breakdown Voltage ....................... 5 V
Collector-Base Breakdown Voltage ........................ 70 V
Power Dissipation ............................................. 150 mW
Derate Linearly from 25
°C ........................... 2.0 mW/°C
Package
Total Package Dissipation at 25
°C Ambient
(LED + Detector) ........................................... 240 mW
Derate Linearly from 25
°C ........................... 3.3 mW/°C
Storage Temperature ......................... –55
°C to +150°C
Operating Temperature ..................... –55
°C to +100°C
Soldering Time at 260
°C .................................... 10 sec.
TOLERANCE:
±.005 (unless otherwise noted)
Characteristics (TA=25°C)
Symbol Min. Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.0
1.5
V
IF=1mA
Reverse Current
IR
0.1
100
µAV
R=6.0 V
Capacitance
CO
25
pF
VF=0 V,
F=1 MHz
Detector
Breakdown Voltage
Collector-Emitter
BVCEO
30
V
IC=100 µA
Emitter-Collector
BVECO
5V
IE=100 µA
Collector-Base Voltage BVCBO
70
IC=10 µA
Collector-Emitter
Capacitance
CCE
3.4
pF
VCE=10 V
Package
DC Current Transfer
IF=1 mA,
Ratio
CTRDC
VCE=5 V
IL221AT
100
IL222AT
200
IL223AT
500
Collector-Emitter
ICE=0.5 mA,
Saturation Voltage
VCE sat
1V
IF=1 mA
Isolation Test
Voltage
VIO
2500
VACRMS t=1 sec.
Capacitance,
Input to Output
CIO
0.5
pF
Resistance,
Input to Output
RIO
100
G
Specifications subject to change.
1
2
3
4
Anode
Cathode
NC
NC
8
7
6
5
NC
Base
Collector
Emitter
40
°
.240
(6.10)
.154
±.005
(3.91
±.13)
.050 (1.27)
typ.
.016 (.41)
.192
±.005
(4.88
±.13)
.004 (.10)
.008 (.20)
Lead
Coplanarity
±.0015 (.04)
max.
.015
±.002
(.38
±.05)
.008 (.20)
7
°
.058
±.005
(1.49
±.13)
.125
±.005
(3.18
±.13)
Pin One ID
.120
±.005
(3.05
±.13)
CL
.040 (1.02)
5
° max.
R.010
(.25) max.
.020
±.004
(.15
±.10)
2 plcs.
10.95


Similar Part No. - IL223AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL223AT VISHAY-IL223AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL223AT VISHAY-IL223AT Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL223AT VISHAY-IL223AT Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results

Similar Description - IL223AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
ILD223T VISHAY-ILD223T Datasheet
399Kb / 2P
   Dual Photodarlington Small Outline Surface Mount Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
ILD223 SIEMENS-ILD223 Datasheet
59Kb / 2P
   DUAL PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
   DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com