Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5XME3C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5XME3C1E
Description  Xeon 3 Power Warm White LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5XME3C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSM5XME3C1E_12 Datasheet HTML 1Page - OptoSupply International OSM5XME3C1E_12 Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n 3
3 P
Po
ow
we
er
r W
Wa
ar
rm
m W
Wh
hiitte
e L
LE
ED
D
OSM5XME3C1E
VER C.0
■Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
■Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Anode(+)
Cathode(-)
2.0
14.5
5.0
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
■Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3200
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
IF=350mA
3.0
3.3
4.0
V
DC Forward Voltage
VF
IF=700mA
3.5
3.8
4.5
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=700mA
200
220
-
lm
Color Temperature
CCT
IF=700mA
-
3000
-
K
x
IF=700mA
-
0.45
-
-
Chromaticity
Coordinates*
y
IF=700mA
-
0.41
-
-
50% Power Angle
1/2
IF=700mA
-
120
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
 
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
 
RJ-A=25
/W
 
RJ-A
=20
/W
 
RJ-A=15
/W
 
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series.
LED & Application Technologies


Similar Part No. - OSM5XME3C1E_12

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
   Xeon 3 Power Warm White LED
More results

Similar Description - OSM5XME3C1E_12

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
   Xeon 3 Power Warm White LED
OSM5XNE3E1E_VER.C.2 OPTOSUPPLY-OSM5XNE3E1E_VER.C.2 Datasheet
177Kb / 2P
   xeon 3 power warm white led
OSM5XAE3E1E OPTOSUPPLY-OSM5XAE3E1E Datasheet
111Kb / 1P
   Xeon 3 Power Warm White LED
OSM5XNE3E1E OPTOSUPPLY-OSM5XNE3E1E Datasheet
177Kb / 2P
   Xeon 3 Power Warm White LED
OSM5XZE3C1E OPTOSUPPLY-OSM5XZE3C1E Datasheet
123Kb / 1P
   Xeon 3 Power Warm White LED
OSM5XZE3C1E_VER.C.2 OPTOSUPPLY-OSM5XZE3C1E_VER.C.2 Datasheet
123Kb / 1P
   xeon 3 power warm white led
OSM5Z3E1E1S_VER.C.2 OPTOSUPPLY-OSM5Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
   xeon 1 power warm white led
OSM5XMEHC1E OPTOSUPPLY-OSM5XMEHC1E Datasheet
166Kb / 1P
   Xeon H Power Warm White LED
OSM5XZEHE1E_VER.C.2 OPTOSUPPLY-OSM5XZEHE1E_VER.C.2 Datasheet
124Kb / 1P
   xeon h power warm white led
OSM5XAE1E1E OPTOSUPPLY-OSM5XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Warm White LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com