Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13085E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13085E
Description  5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13085E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13085E Datasheet HTML 2Page - Maxim Integrated Products MAX13085E Datasheet HTML 3Page - Maxim Integrated Products MAX13085E Datasheet HTML 4Page - Maxim Integrated Products MAX13085E Datasheet HTML 5Page - Maxim Integrated Products MAX13085E Datasheet HTML 6Page - Maxim Integrated Products MAX13085E Datasheet HTML 7Page - Maxim Integrated Products MAX13085E Datasheet HTML 8Page - Maxim Integrated Products MAX13085E Datasheet HTML 9Page - Maxim Integrated Products MAX13085E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 ______________________________________________________________________________________
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceiver
Test Circuits and Waveforms (continued)
Figure 6. Receiver Propagation Delay Test Circuit
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times
VID
R
B
A
RECEIVER
OUTPUT
ATE
A
B
RO
VOH
VCC/2
tRPLH
tRPHL
VOL
+1V
-1V
THE RISE TIME AND FALL TIME OF INPUTS A AND B < 4ns
S1 OPEN
S2 CLOSED
VS3 = +1.5V
RO
VCC
0
0
VOH
VOH / 2
S1 OPEN
S2 CLOSED
VS3 = +1.5V
tRHZ
VCC
0
0
VOH
0.25V
VCC/2
50%
50%
10%
10%
S1 CLOSED
S2 OPEN
VS3 = -1.5V
VCC
0
VOL
VCC
VCC/2
S1 CLOSED
S2 OPEN
VS3 = -1.5V
tRLZ
VCC
0
VOL
VCC
0.25V
GENERATOR
VCC
+1.5V
1k
CL
15pF
S2
S1
50
S3
-1.5V
VID
RE
RO
RE
RO
RE
RO
RE
tRZH, tRZH(SHDN)
tRZL, tRZL(SHDN)
(VOL + VCC)/2
VCC/2


Similar Part No. - MAX13085E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EESA MAXIM-MAX13085EESA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results

Similar Description - MAX13085E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com