Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14972CTG+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14972CTG+
Description  Dual SuperSpeed USB 3.0 Equalizer/Redriver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14972CTG+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14972CTG+ Datasheet HTML 3Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 4Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 5Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 6Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 7Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 8Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 9Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 10Page - Maxim Integrated Products MAX14972CTG+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX14972
Dual SuperSpeed USB 3.0 Equalizer/Redriver
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1, 13
VCC
Power-Supply Input. Bypass VCC to GND with 0.1FF and 2.2FF low-ESR capacitors in parallel as
close as possible to the device.
2
EQ1
Three-State Input Equalization Control, Channel 1. Leave EQ1 unconnected for default state.
3
DE1
Three-State Transition Bit and Nontransition Bit Output Amplitude Control, Channel 1. Connect DE1 to
VCC for default state.
4
OS1
Two-State Transition-Bit Output Amplitude Control, Channel 1. Connect OS1 to GND for default state.
5
ENRXD
Active-High Enable. Drive ENRXD high or leave unconnected for normal operation. Drive ENRXD low
to enter standby state. ENRXD has a 400kI (typ) pullup resistor to VCC.
6, 10, 18, 21
GND
Ground
7, 24
N.C.
No Connection. Not internally connected.
8
RX1-
Inverting Input, Channel 1. AC-couple RX1- with a low-ESR 100nF capacitor.
9
RX1+
Noninverting Input, Channel 1. AC-couple RX1+ with a low-ESR 100nF capacitor.
11
TX2-
Inverting Output, Channel 2. AC-couple TX2- with a low-ESR 100nF capacitor.
12
TX2+
Noninverting Output, Channel 2. AC-couple TX2+ with a low-ESR 100nF capacitor.
14
CM
Active-High Compliance Mode Control. Drive CM high to force active state. Drive CM low or leave
unconnected for normal operation. CM has a 400kI (typ) pulldown resistor to GND.
23
24
22
21
8
7
9
10
12
TX1+
45
6
17
18
16
14
13
TX1-
*EP
N.C.
*CONNECT EXPOSED PAD (EP) TO GND.
GND
RX1+
RX1-
N.C.
MAX14972
3
15
GND
20
11 TX2-
RX2-
19
12 TX2+
RX2+
TQFN
TOP VIEW
+


Similar Part No. - MAX14972CTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX14972CTG+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
PTN36242L NXP-PTN36242L Datasheet
489Kb / 26P
   Dual port SuperSpeed USB 3.0 redriver
Rev. 3 ??24 January 2014
logo
Texas Instruments
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
   Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com