Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14984ETG+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14984ETG+
Description  Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14984ETG+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14984ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX14984ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MAX14984
Enhanced VGA Port Protector with Monitor
Detection and Dual USB Power Switches
����������������������������������������������������������������� Maxim Integrated Products 1
Typical Operating Circuit
19-6229; Rev 0; 3/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX14984.related.
EVALUATION KIT AVAILABLE
General Description
The MAX14984 is a complete VGA port protector with dual
USB power switches. The device features all the circuitry
required to detect the insertion and removal of a monitor
and automatically connect the graphics controller when a
monitor is detected. A switched 5V output provides up to
55mA to the VGA port in addition to normal VGA signals.
The MAX14984 features a single active-low enable
input to control two 5V USB switches. Each switch sup-
plies 500mA of current with less than 250mV drop from
VCC, and is protected against short-circuit faults. Two
active-low fault outputs indicate when a fault condition is
detected on either output.
High-bandwidth analog switches exceed VESA rise/fall
time requirements for the RGB channels. The horizontal
and vertical synchronization (H/V) buffers shift logic lev-
els to support +2.5V to +5.0V CMOS or TTL-compatible
graphics controllers while meeting the VESA drive capa-
bility requirement of Q8mA. An internal 2.5V regulator
and pullup resistors on the monitor side translate the
DDC voltage levels to be compatible with low-voltage
graphics controllers.
The MAX14984 features high-ESD protection of Q8kV
Human Body Model (HBM) on all VGA and USB out-
puts. The device is available in a 24-pin (4mm x 4mm)
TQFN package and is specified over the -40NC to +85NC
extended temperature range.
Applications
Servers
Workstations
Desktop PCs
Benefits and Features
S
Design Flexibility
Graphics Controller Port Is Protected when
VCC = 0V
External Pullup Resistors Match DDC Channel
to Graphics Controller Supply
Up to Two USB Ports Supported
S
High Level of Integration for Performance
S5V Provides +5V at 55mA to VGA Port
Internal Pullup Resistors on DDC Outputs to S5V
Low 6pF (typ) RGB Capacitance
2.1ns (typ) tR/tF with 10pF, 2.2kI Load on
Monitor-Side SYNC Signals
Source and Sink 8mA While Meeting Speed
Requirements
High-ESD Protection on VGA and USB Outputs
Q
8kV Human Body Model (HBM)
S
Saves Space on Board
Internal USB Switches
Pass +5V at 500mA with 250mV (max)
IR Drop
Current Limited/Thermal Protection
4mm x 4mm, 24-Pin TQFN Package
R0, G0, B0
VCC
HSYNC0,
VSYNC0
SCL0, SDA0
F1, F2
MD
ENV
ENU
GRAPHICS
CONTROLLER
+3.3V
+5V
3
2
2
2
+3.3V
GND
R1, G1, B1
HSYNC1,
VSYNC1
SCL1, SDA1
1µF
1µF
S5V
USB1
VGA
PORT
3
2
2
1µF
USB
DEVICE
USB2
1µF
USB
DEVICE
MAX14984
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14984ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14980 MAXIM-MAX14980 Datasheet
889Kb / 12P
   Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
19-6647; Rev 0; 3/13
MAX14980ETO++ MAXIM-MAX14980ETO+ Datasheet
889Kb / 12P
   Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
19-6647; Rev 0; 3/13
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
   Test Equipment
Rev 1; 1/15
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
MAX14983EETJ++ MAXIM-MAX14983EETJ+ Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
More results

Similar Description - MAX14984ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
   USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
   USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E_V01 Datasheet
150Kb / 8P
   VGA Port Protector
2010
MAX4895E MAXIM-MAX4895E Datasheet
138Kb / 8P
   VGA Port Protector
Rev 0; 4/09
MAX14895E MAXIM-MAX14895E Datasheet
1Mb / 11P
   Enhanced VGA Port Protector DDC Outputs have Internal Pullups
Rev 0; 3/11
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com