Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6341ZP15 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6341ZP15
Description  128K x 24 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6341ZP15 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM6341ZP15 Datasheet HTML 2Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 3Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 4Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 5Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 6Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 7Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 8Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 9Page - Motorola, Inc MCM6341ZP15 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCM6341
7
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled; See Notes 1, 2, 3, and 4)
P
Sb l
MCM6341–10
MCM6341–11
MCM6341–12
MCM6341–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
10
11
12
15
ns
5
Address Setup Time
tAVWL
0
0
0
0
ns
Address Valid to End of Write
tAVWH
9
10
10
12
ns
Address Valid to End of Write (G
High)
tAVWH
8
9
9
10
ns
Write Pulse Width
tWLWH
tWLEH
9
10
10
12
ns
Write Pulse Width (G High)
tWLWH
tWLEH
8
9
9
10
ns
Data Valid to End of Write
tDVWH
4
5
5
6
ns
Data Hold Time
tWHDX
0
0
0
0
ns
Write Low to Data High–Z
tWLQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
Write High to Output Active
tWHQX
3
3
3
3
ns
6, 7, 8
Write Recovery Time
tWHAX
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
5. All write cycle timings are referenced from the last valid address to the first transitioning address.
6. Transition is measured
± 200 mV from steady–state voltage.
7. This parameter is sampled and not 100% tested.
8. At any given voltage and temperature, tWLQZ max < tWHQX min both for a given device and from device to device.
DATA VALID
HIGH–Z
HIGH–Z
tAVAV
tAVWH
tWHAX
tWHDX
tWHQX
tWLWH
tAVWL
tDVWH
tWLQZ
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tWLEH
WRITE CYCLE 1 (W Controlled; See Notes 1, 2, 3, and 4)


Similar Part No. - MCM6341ZP15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343TS12 MOTOROLA-MCM6343TS12 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343TS15 MOTOROLA-MCM6343TS15 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343YJ12 MOTOROLA-MCM6343YJ12 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343YJ12R MOTOROLA-MCM6343YJ12R Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - MCM6341ZP15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com