Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P531TQ4.5 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM63P531TQ4.5
Description  32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P531TQ4.5 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM63P531TQ4.5 Datasheet HTML 1Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 2Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 3Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 4Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 5Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 6Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 7Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 8Page - Motorola, Inc MCM63P531TQ4.5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MCM63P531
1
MOTOROLA FAST SRAM
Advance Information
32K x 32 Bit Pipelined BurstRAM
Synchronous Fast Static RAM
The MCM63P531 is a 1M bit synchronous fast static RAM designed to provide
a burstable, high performance, secondary cache for the 68K Family, PowerPC
™,
and Pentium
™ microprocessors. It is organized as 32K words of 32 bits each,
fabricated using high performance silicon gate CMOS technology. This device
integrates input registers, an output register, a 2–bit address counter, and high
speed SRAM onto a single monolithic circuit for reduced parts count in cache
data RAM applications. Synchronous design allows precise cycle control with the
use of an external clock (K). CMOS circuitry reduces the overall power consump-
tion of the integrated functions for greater reliability.
Addresses (SA), data inputs (DQx), and all control signals except output en-
able (G) and Linear Burst Order (LBO) are clock (K) controlled through positive–
edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM63P531 (burst sequence op-
erates in linear or interleaved mode dependent upon state of LBO) and controlled
by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and synchro-
nous write enable SW are provided to allow writes to either individual bytes or to
all bytes. The four bytes are designated as “a”, “b”, “c”, and “d”. SBa controls
DQa, SBb controls DQb, etc. Individual bytes are written if the selected byte
writes SBx are asserted with SW. All bytes are written if either SGW is asserted
or if all SBx and SW are asserted.
For read cycles, pipelined SRAMs output data is temporarily stored by an
edge–triggered output register and then released to the output buffers at the next
rising edge of clock (K).
The MCM63P531 operates from a 3.3 V power supply, all inputs and outputs
are LVTTL compatible.
• MCM63P531–4.5 = 4.5 ns access / 10 ns cycle
MCM63P531–7 =
7 ns access
/ 13.3 ns cycle
MCM63P531–8 =
8 ns access
/ 15 ns cycle
MCM63P531–9 =
9 ns access
/ 16.6 ns cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• Sleep Mode (ZZ)
• Intel PBSRAM 2.0 Compliant
• Single–Cycle Deselect Timing
• 100 Pin TQFP Package
BurstRAM is a trademark of Motorola, Inc.
PowerPC is a trademark of IBM Corp.
Pentium is a trademark of Intel Corp.
This document contains information on a new product. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM63P531/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM63P531
TQ PACKAGE
TQFP
CASE 983A–01
6/21/96
© Motorola, Inc. 1996


Similar Part No. - MCM63P531TQ4.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P531TQ4.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com