Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16904 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16904
Description  2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16904 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16904_12 Datasheet HTML 6Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 7Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 8Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 9Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 10Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 11Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 12Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 13Page - Maxim Integrated Products MAX16904_12 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2.1MHz, High-Voltage,
600mA Mini-Buck Converter
______________________________________________________________________________________
11
ESR of the input capacitor). The total voltage ripple is
the sum of
ΔVQ and ΔVESR. Assume the input-voltage
ripple from the ESR and the capacitor discharge is
equal to 50% each. The following equations show the
ESR and capacitor requirement for a target voltage rip-
ple at the input:
where:
and:
where IOUT is the output current, D is the duty cycle,
and fSW is the switching frequency. Use additional
input capacitance at lower input voltages to avoid pos-
sible undershoot below the UVLO threshold during tran-
sient loading.
Output Capacitor
The allowable output-voltage ripple and the maximum
deviation of the output voltage during step load cur-
rents determine the output capacitance and its ESR.
The output ripple comprises of
ΔVQ (caused by the
capacitor discharge) and
ΔVESR (caused by the ESR of
the output capacitor). Use low-ESR ceramic or alu-
minum electrolytic capacitors at the output. For alu-
minum electrolytic capacitors, the entire output ripple is
contributed by
ΔVESR. Use the ESROUT equation to cal-
culate the ESR requirement and choose the capacitor
accordingly. If using ceramic capacitors, assume the
contribution to the output ripple voltage from the ESR
and the capacitor discharge to be equal. The following
equations show the output capacitance and ESR
requirement for a specified output-voltage ripple.
where:
ΔIP-P is the peak-to-peak inductor current as calculated
above and fSW is the converter’s switching frequency.
The allowable deviation of the output voltage during
fast transient loads also determines the output capaci-
tance and its ESR. The output capacitor supplies the
step load current until the converter responds with a
greater duty cycle. The response time (tRESPONSE)
depends on the closed-loop bandwidth of the convert-
er. The device’s high switching frequency allows for a
higher closed-loop bandwidth, thus reducing
tRESPONSE and the output capacitance requirement.
The resistive drop across the output capacitor’s ESR
and the capacitor discharge causes a voltage droop
during a step load. Use a combination of low-ESR tan-
talum and ceramic capacitors for better transient load
and ripple/noise performance. Keep the maximum out-
put-voltage deviations below the tolerable limits of the
electronics being powered. When using a ceramic
capacitor, assume an 80% and 20% contribution from
the output capacitance discharge and the ESR drop,
respectively. Use the following equations to calculate
the required ESR and capacitance value:
where ISTEP is the load step and tRESPONSE is the
response time of the converter. The converter response
time depends on the control-loop bandwidth.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
power losses and clean stable operation. Use a multilayer
board wherever possible for better noise immunity. Refer
to the MAX16904 Evaluation Kit for recommended PCB
layout. Follow these guidelines for a good PCB layout:
1) The input capacitor (4.7μF, see the applications
schematic in the
Typical Operating Circuits) should be
placed right next to the SUP pins (pins 2 and 3 on the
TSSOP-EP package). Because the device operates at
2.1MHz switching frequency, this placement is critical
for effective decoupling of high-frequency noise from
the SUP pins.
ESR
V
I
C
It
V
OUT
ESR
STEP
OUT
STEP
RESPONSE
Q
=
=
×
Δ
Δ
ΔI
VV
V
Vf
L
V
PP
IN
OUT
OUT
IN
SW
OUT RIPPLE
=
−×
××
()
_
≅≅+
ΔΔ
VV
ESR
Q
ESR
V
I
C
I
Vf
ESR
PP
OUT
PP
QSW
=
=
××
Δ
Δ
Δ
Δ
8
D
V
V
OUT
IN
=
ΔI
VV
V
Vf
L
PP
IN
OUT
OUT
IN
SW
=
−×
××
()
ESR
V
I
I
C
ID
D
ESR
OUT
PP
IN
OUT
=
+
⎝⎜
⎠⎟
=
×−
Δ
Δ
2
1
(
))
ΔVf
QSW
×


Similar Part No. - MAX16904_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
More results

Similar Description - MAX16904_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903 MAXIM-MAX16903 Datasheet
996Kb / 13P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection
Rev 3; 3/11
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
SYNC POWER Crop.
SP3406 SYNC-POWER-SP3406 Datasheet
154Kb / 6P
   600mA Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com