Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16832CASA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16832CASA+
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16832CASA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16832CASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX16832CASA+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
8
_______________________________________________________________________________________
Freewheeling-Diode Selection
For stability and best efficiency, a low forward-voltage
drop diode with fast reverse-recovery time and low
capacitance is recommended. A Schottky diode is a
good choice as long as its breakdown voltage is high
enough to withstand the maximum operating voltage.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and stable operation. In normal operation, there
are two power loops. One is formed when the internal
MOSFET is on and the high current flows from ground
through the input cap, RSENSE, the LED load, the
inductor, and the internal MOSFET back to ground. The
second loop is formed when the internal MOSFET is off
and the high current circulates from the input cap posi-
tive terminal through RSENSE, the LED load, the induc-
tor, and the freewheeling diode and back to the input
cap positive terminal. Note that the current through
RSENSE, the LED load, and the inductor is basically DC
with some triangular ripple (low noise). The high-noise,
large signal, fast transition switching currents only flow
through the freewheeling diode to the input cap positive
terminal, or through the MOSFET to ground and then to
the input cap positive terminal. Without a proper PCB
layout, these square-wave switching currents can cre-
ate problems in a hysteretic LED driver.
The current control depends solely on the voltage
across RSENSE. Any noise pickup on this node induces
erratic switching of the internal MOSFET (the IC will
operate at a much higher frequency). To help prevent
this, place RSENSE as close as possible to CS and IN
and keep the sense traces short. It is especially impor-
tant to keep the square-wave switching currents in the
freewheeling diode away from RSENSE. To minimize
interference, place the freewheeling diode on the oppo-
site side of the IC as RSENSE and position the input
capacitor near the diode so it can return the high fre-
quency currents to ground. The layout in Figure 3
should be used as a guideline. The dashed line shows
the path of the high frequency components that cause
disruption in operation. For a good thermal design, the
exposed pad on the IC should solder to a large pad
with many vias to the backside ground plane.
fSW
t
t
t2
∆I
t1
AVG. LED
CURRENT
HYSTERETIC
MODE
ILED
VDIM
Figure 2. Current-Regulator Operation


Similar Part No. - MAX16832CASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16832CASA++ MAXIM-MAX16832CASA+ Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA++ MAXIM-MAX16832CASA+ Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832CASA++ MAXIM-MAX16832CASA+ Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
More results

Similar Description - MAX16832CASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com