Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16904 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16904
Description  2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16904 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16904 Datasheet HTML 3Page - Maxim Integrated Products MAX16904 Datasheet HTML 4Page - Maxim Integrated Products MAX16904 Datasheet HTML 5Page - Maxim Integrated Products MAX16904 Datasheet HTML 6Page - Maxim Integrated Products MAX16904 Datasheet HTML 7Page - Maxim Integrated Products MAX16904 Datasheet HTML 8Page - Maxim Integrated Products MAX16904 Datasheet HTML 9Page - Maxim Integrated Products MAX16904 Datasheet HTML 10Page - Maxim Integrated Products MAX16904 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2.1MHz, High-Voltage,
600mA Mini-Buck Converter
_______________________________________________________________________________________
7
Pin Description
PIN
TDFN-EP
TSSOP-EP
NAME
FUNCTION
1
1
BST
Bootstrap Capacitor for High-Side Driver (0.1μF)
2
2, 3
SUP
Voltage Supply Input. Connect a 4.7μF ceramic capacitor from SUP to PGND. Place the
capacitor very close to the SUP pin. For the TSSOP-EP package, connect both SUP pins
together for proper operation.
3
4, 5
LX
Buck Switching Node. LX is high impedance when the device is off. For the TSSOP
package, connect both LX pins together for proper operation.
4
6, 7
PGND
Power Ground. For the TSSOP-EP package, connect both PGND pins together for proper
operation.
5
8
OUTS
Buck Regulator Voltage-Sense Input. Bypass OUTS to PGND with a 10μF or larger X7R
ceramic capacitor.
6
11
PGOOD
Open-Drain Power-Good Output. External pullup resistor required for automatic SKIP
mode operation.
7
12
SYNC
Sync Input. SYNC allows the device to synchronize to other supplies. When connected
to GND or unconnected, SKIP mode is enabled under light loads. When connected to a
clock source or BIAS, forced PWM mode is enabled.
8
13
BIAS
+5V Internal Logic Supply. Connect a 2.2μF ceramic capacitor from BIAS to GND.
9
14
GND
Analog Ground
10
15
EN
Enable Input. EN is high-voltage compatible. Drive EN HIGH for normal operation.
9, 10, 16
N.C.
No Connection. Not internally connected.
EP
Exposed Pad. Connect EP to PGND. Do not use EP as the only ground connection.
MAX16904
+
5
6
OUTS
PGOOD
4
TOP VIEW
7
PGND
SYNC
3
8
LX
BIAS
2
9
SUP
GND
1
TDFN
10
BST
EN
EP
MAX16904
+
8
9
OUTS
N.C.
7
10
PGND
N.C.
6
11
PGND
PGOOD
3
14
SUP
GND
2
15
SUP
EN
1
16
BST
N.C.
5
12
LX
SYNC
4
TSSOP
13
LX
BIAS
EP
Pin Configurations


Similar Part No. - MAX16904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16904 MAXIM-MAX16904 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904RATB MAXIM-MAX16904RATB Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16904RATB_/V++ MAXIM-MAX16904RATB_/V+ Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
More results

Similar Description - MAX16904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903 MAXIM-MAX16903 Datasheet
996Kb / 13P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection
Rev 3; 3/11
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
SYNC POWER Crop.
SP3406 SYNC-POWER-SP3406 Datasheet
154Kb / 6P
   600mA Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com