Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16904 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16904
Description  2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16904 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16904 Datasheet HTML 1Page - Maxim Integrated Products MAX16904 Datasheet HTML 2Page - Maxim Integrated Products MAX16904 Datasheet HTML 3Page - Maxim Integrated Products MAX16904 Datasheet HTML 4Page - Maxim Integrated Products MAX16904 Datasheet HTML 5Page - Maxim Integrated Products MAX16904 Datasheet HTML 6Page - Maxim Integrated Products MAX16904 Datasheet HTML 7Page - Maxim Integrated Products MAX16904 Datasheet HTML 8Page - Maxim Integrated Products MAX16904 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2.1MHz, High-Voltage,
600mA Mini-Buck Converter
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VSUP = +14V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SKIP-Mode Peak Current
ISKIP
350
mA
High-Side DMOS RDSON
RON,HS
VBIAS = 5V
400
800
m
Low-Side DMOS RDSON
RON,LS
250
450
m
DMOS Peak Current-Limit
Threshold
IMAX
0.85
1.05
1.22
A
Soft-Start Ramp Time
tSS
7
8
9
ms
LX Rise Time
tRISE,LX
5
ns
Minimum On-Time
tON
80
ns
PWM Switching Frequency
fSW
Internally generated
1.925
2.1
2.275
MHz
SYNC Input Frequency Range
fSYNC
1.8
2.6
MHz
Spread-Spectrum Range
SS
Spread-spectrum option only
+6
%
PGOOD
VTHR,PGD
VOUT rising
93
PGOOD Threshold
VTHF,PGD
VOUT falling
88
91
94
%
PGOOD Debounce
tDEB
10
μs
PGOOD High Leakage Current
ILEAK,PGD
TA = +25°C
1
μA
PGOOD Output Low Level
VOUT,PGD
Sinking 1mA
0.4
V
LOGIC LEVELS
VIH,EN
2.4
EN Level
VIL,EN
0.6
V
EN Input Current
IIN,EN
VEN = VSUP = +42V, TA = +25°C
1
μA
VIH,SYNC
1.4
SYNC Switching Threshold
VIL,SYNC
0.4
V
SYNC Internal Pulldown
RPD,SYNC
200
k
THERMAL PROTECTION
Thermal Shutdown
TSHDN
175
°C
Thermal Shutdown Hysteresis
TSHDN,HYS
15
°C
Note 2: When the typical minimum on-time of 80ns is violated, the device skips pulses.
Note 3: Guaranteed by design; not production tested.


Similar Part No. - MAX16904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16904 MAXIM-MAX16904 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904RATB MAXIM-MAX16904RATB Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16904RATB_/V++ MAXIM-MAX16904RATB_/V+ Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
More results

Similar Description - MAX16904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903 MAXIM-MAX16903 Datasheet
996Kb / 13P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection
Rev 3; 3/11
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
SYNC POWER Crop.
SP3406 SYNC-POWER-SP3406 Datasheet
154Kb / 6P
   600mA Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com