Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16948 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16948
Description  Automotive Dual Remote Antenna Current-Sense LDO/Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16948 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16948 Datasheet HTML 1Page - Maxim Integrated Products MAX16948 Datasheet HTML 2Page - Maxim Integrated Products MAX16948 Datasheet HTML 3Page - Maxim Integrated Products MAX16948 Datasheet HTML 4Page - Maxim Integrated Products MAX16948 Datasheet HTML 5Page - Maxim Integrated Products MAX16948 Datasheet HTML 6Page - Maxim Integrated Products MAX16948 Datasheet HTML 7Page - Maxim Integrated Products MAX16948 Datasheet HTML 8Page - Maxim Integrated Products MAX16948 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX16948
Automotive Dual Remote Antenna
Current-Sense LDO/Switch
(All voltages referenced to GND.)
IN, SHDN1, SHDN2...............................................-0.3V to +45V
ERR1, ERR2, REG............................................... -0.3V to +6.0V
FB1, FB2, SENSE1, SENSE2, LIM1, LIM2 .. -0.3V to (VREG + 0.3V)
OUT1, OUT2..........................................................-0.3V to +20V
Continuous Power Dissipation (TA = +70NC)
TQFN-EP (derate 25.0mW/NC above +70NC)............2000mW
QSOP-EP (derate 22.7mW/NC above +70NC) ...........1818mW
QSOP (derate 9.5mW/NC above +70NC).....................762mW
Operating Temperature Range....................... -40NC to +105NC
Storage Temperature Range........................... -65NC to +150NC
Junction Temperature .....................................................+150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN-EP
Junction-to-Ambient Thermal Resistance (BJA) ..........40NC/W
Junction-to-Case Thermal Resistance (BJC) .................6NC/W
16 QSOP-EP
Junction-to-Ambient Thermal Resistance (BJA) ..........44NC/W
Junction-to-Case Thermal Resistance (BJC) .................6NC/W
16 QSOP
Junction-to-Ambient Thermal Resistance (BJA) ........105NC/W
Junction-to-Case Thermal Resistance (BJC) ...............37NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VIN = 14V, TA = TJ = -40NC to +105NC, unless otherwise noted. Typical values are at TA = TJ = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SWITCH/LDO
IN Operating Supply Range
VIN
Over 19V, output and current sense is
switched off (Note 3)
4.5
28
V
Output switched off, for < 1s (Note 3)
45
IN Supply Current in Operation
IIN
VSHDN1/SHDN2 > 2.8V, TA = +25NC
2.1
3.4
mA
IN Supply Current in Shutdown
ISD
SHDN1 = SHDN2 = GND, TA = +25NC,
VIN = 12V
7
F
A
IN Undervoltage Lockout
VUVL
VIN rising
4.8
V
VIN falling
3.8
4.45
IN Undervoltage Lockout
Hysteresis
VUVL-HYS
390
mV
Voltage Drop of Internal Switch VIN - VOUT1/OUT2
Measured between IN and OUT1/OUT2,
IOUT1/OUT2 = 100mA, FB1/FB2 = GND,
SW operation VIN R 5V, TA = +105NC
(Note 4)
0.3V
V
Measured between IN and OUT1/OUT2,
IOUT1/OUT2 = 100mA, FB1/FB2 = GND,
SW operation VIN R 5V, TA = +25NC
0.145
0.220
Feedback Voltage
VFB
For LDO mode with external resistive
dividers, IOUT1/OUT2_= 5mA to 150mA
0.97
1
1.03
V


Similar Part No. - MAX16948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
More results

Similar Description - MAX16948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
   Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
   Smart Dual Current Sense Switch
25.06.2003
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
logo
Vicor Corporation
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
   Remote sense and current limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com