Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16910CASA9+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16910CASA9+
Description  200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16910CASA9+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16910CASA9+ Datasheet HTML 1Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 2Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 3Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 4Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 5Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 6Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 7Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 8Page - Maxim Integrated Products MAX16910CASA9+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
200mA, Automotive, Ultra-Low
Quiescent Current, Linear Regulator
General Description
The MAX16910 ultra-low quiescent current, high-voltage
linear regulator is ideal for use in automotive and battery-
operated systems. The device operates from a +3.5V to
+30V input voltage, delivers up to 200mA of load cur-
rent, and consumes only 20µA of quiescent current at
no load. The device consumes only 1.6µA current when
in shutdown. The input is +45V transient tolerant and is
designed to operate under load-dump conditions. The
MAX16910 can be configured as either fixed output volt-
age (+3.3V or +5V) or adjustable output voltage using an
external resistive divider.
The MAX16910 features an open-drain, active-low RESET
output with fixed thresholds offered at 92.5% and 87.5%
of the output voltage. The RESET output remains low for
a fixed period of 60µs after the output voltage exceeds
its threshold. The RESET delay can be extended with an
external capacitor.
The MAX16910 includes an enable input, short-circuit
protection, and thermal shutdown. The MAX16910 oper-
ates over the -40°C to +125°C automotive temperature
range. The device is available in a space-saving, ther-
mally enhanced, 3mm x 3mm, 8-pin TDFN package and
5mm x 4mm, 8-pin SO package.
Applications
Automotive
Industrial
Telecom
Features
S
Low 20µA Quiescent Current
S
+3.5V to +30V Wide Input Voltage Range, +45V
Tolerant
S
Operates Through Cold-Crank Conditions
S
Low-Dropout Voltage of 280mV at 200mA
S
Up to 200mA Output Current Capability
S
Stable Operation with Tiny 4.7µF Output Capacitor
S
User-Selectable Output Voltage
+3.3V or +5V Fixed
+1.5V to +11V Adjustable with External
Resistive Divider
S
Open-Drain RESET Output with Adjustable Delay
S
Fixed-Reset Threshold Options: 87.5% or 92.5%
S
High-Voltage Enable Input (+45V)
S
Thermal and Short-Circuit Protection
S
Operating -40°C to +125°C Temperature Range
S
Operating -40°C to +150°C (TJ) Temperature
Range
S
Automotive Qualified
19-4816; Rev 3; 4/12
Typical Operating Circuits
Typical Operating Circuits continued on next page.
Ordering Information/Selector Guide appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
MAX16910
IN
+
-
1µF
OUT
SETOV
RESET
ENABLE
1nF
(1.25ms DELAY)
4.7µF
VCC
RESET
I/O
5V FIXED OUTPUT
TIMEOUT
SET
GND
14V
BATTERY
µC
10kI


Similar Part No. - MAX16910CASA9+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910CASA MAXIM-MAX16910CASA Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX16910CASAV MAXIM-MAX16910CASAV Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX16910CASA_/V++ MAXIM-MAX16910CASA_/V+ Datasheet
1Mb / 13P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
More results

Similar Description - MAX16910CASA9+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910 Datasheet
1Mb / 13P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
MAX16910 MAXIM-MAX16910_11 Datasheet
1Mb / 15P
   200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX25210 MAXIM-MAX25210 Datasheet
441Kb / 17P
   Automotive Ultra Low Quiescent Current Linear Regulator Family
2021
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com