Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13088EESA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13088EESA+
Description  5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13088EESA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13088EESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX13088EESA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
0.80
0.90
1.50
1.10
1.00
1.20
1.30
1.40
1.60
-40
-10
5 20
-25
35 50
95
80
110
65
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD
DE = VCC
DE = 0
0
20
10
40
30
50
60
02
13
4
5
OUTPUT CURRENT
vs. RECEIVER OUTPUT-HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0
20
10
40
30
60
50
70
02
13
4
5
OUTPUT CURRENT
vs. RECEIVER OUTPUT-LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
4.0
4.4
4.2
4.8
4.6
5.2
5.0
5.4
RECEIVER OUTPUT-HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
IO = -1mA
-40
-10520
-25
35 50
95
80
110
65
125
0
0.1
0.7
0.3
0.2
0.4
0.5
0.6
0.8
RECEIVER OUTPUT-LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
IO = 1mA
-40
-10
5 20
-25
35 50
95
80
110
65
125
0
20
40
60
80
100
120
140
160
012345
DRIVER DIFFERENTIAL OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
2.0
2.8
2.4
3.6
3.2
4.4
4.0
4.8
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
RL = 54
Ω
-40
-10
5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
0
40
20
100
80
60
120
140
180
160
200
-7
-5 -4
-6
-3 -2 -1 0
1
2
3
5
4
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT-HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0
60
40
20
80
100
120
140
160
180
200
04
26
8
10
12
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT-LOW VOLTAGE
OUTPUT-LOW VOLTAGE (V)
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13088EESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13088E MAXIM-MAX13088E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
More results

Similar Description - MAX13088EESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com