Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSR5MA5C31C Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5MA5C31C
Description  5mm Round Phoenix Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5MA5C31C Datasheet(HTML) 1 Page - OptoSupply International

  OSR5MA5C31C_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Round Phoenix Red LED
OSR5MA5C31C
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
0.5+0.1
2.54
5.0
1.0
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/ 5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
7000
8000
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=450°C/W
Rth(J-a)=350°C/W
Rth(J-a)=250°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
30
20
10
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
70
60
50


Similar Part No. - OSR5MA5C31C_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5MA5C31C OPTOSUPPLY-OSR5MA5C31C Datasheet
98Kb / 1P
   5mm Round Phoenix Red LED
More results

Similar Description - OSR5MA5C31C_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5MA5111A OPTOSUPPLY-OSR5MA5111A_09 Datasheet
106Kb / 1P
   5mm Round Phoenix Red LED
OSR5MA5111A OPTOSUPPLY-OSR5MA5111A Datasheet
100Kb / 1P
   5mm Round Phoenix Red LED
OSR5MA5C31C OPTOSUPPLY-OSR5MA5C31C Datasheet
98Kb / 1P
   5mm Round Phoenix Red LED
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A Datasheet
96Kb / 1P
   5mm Round Flashing Phoenix Red LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A_11 Datasheet
111Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSRBMC5B31A OPTOSUPPLY-OSRBMC5B31A Datasheet
101Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A_09 Datasheet
107Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSRBMC5B32A OPTOSUPPLY-OSRBMC5B32A Datasheet
101Kb / 1P
   5mm Round Phoenix Red & Super Blue LED
OSR5MA5111P OPTOSUPPLY-OSR5MA5111P Datasheet
112Kb / 1P
   Deluxe Power 5mm Round Phoenix Red LED
OSR5M35141R OPTOSUPPLY-OSR5M35141R_09 Datasheet
137Kb / 1P
   Tpower 5mm Round Phoenix Red
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com