Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL440 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL440
Description  TRIAC PREDRIVER NON-ZERO CROSSING OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL440 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL440 Datasheet HTML 1Page - Siemens Semiconductor Group IL440 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–128
IL440
Electrical Characteristics, TA=25°C
Parameter
Symbol
Min.
Typ.
Max. Unit
Test Condition
Emitter
Forward Voltage
VF
1.25
1.6
V
IF=50 mA
Breakdown Voltage
VBR
5V
IR=10 µA
Junction Capacitance
CJ
50
pF
VR=0 V, f=1 MHz
Detector
Off-state Output Terminal Voltage
VDRM
600
V
IDRM=500 nA
Peak On-state Voltage
VTM
1.5
3
V
ITM=100 mA, IFT=30 mA
Critical Rate of Rise of Off-state Voltage
(dv/dt)cr
50
V/
µsI
F=0, VS=240 VRMS
(dv/dt)crq 0.13
0.25
V/
µsI
F=30 mA, VS=60 VRMS
Coupled Device
Input Trigger Current
IFT
5
7
mA
VT=6 V, RL=150
Holding Current
IH
1mA
IF≥10 mA, VS≥3 V


Similar Part No. - IL440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL440 VISHAY-IL440 Datasheet
96Kb / 5P
   Optocoupler, Pgototriac Output, Low Input Current
Rev. 1.5, 26-Oct-04
IL440 VISHAY-IL440 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-1 VISHAY-IL440-1 Datasheet
96Kb / 5P
   Optocoupler, Pgototriac Output, Low Input Current
Rev. 1.5, 26-Oct-04
IL440-1X009 VISHAY-IL440-1X009 Datasheet
96Kb / 5P
   Optocoupler, Pgototriac Output, Low Input Current
Rev. 1.5, 26-Oct-04
IL440-2 VISHAY-IL440-2 Datasheet
96Kb / 5P
   Optocoupler, Pgototriac Output, Low Input Current
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q303X ETC1-Q303X Datasheet
1Mb / 17P
   ZERO-CROSSING TRIAC OPTOCOUPLER
Q303X ETC2-Q303X Datasheet
1Mb / 15P
   ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3082M UMW-MOC3082M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3061M UMW-MOC3061M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3041M UMW-MOC3041M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3083SM UMW-MOC3083SM Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com