Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N50L-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 2N50L-TF3-T
Description  2A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50L-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  2N50L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2N50L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2N50L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2N50L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 2N50L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 2N50L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-547.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50L-TF3-T UTC-2N50L-TF3-T Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 2N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
   2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
logo
Rohm
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
   Nch 500V 2A Power MOSFET
RDD023N50 ROHM-RDD023N50 Datasheet
837Kb / 15P
   Nch 500V 2A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com