Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P631TQ117 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM63P631TQ117
Description  64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P631TQ117 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM63P631TQ117 Datasheet HTML 5Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 6Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 7Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 8Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 9Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 10Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 11Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 12Page - Motorola, Inc MCM63P631TQ117 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MCM63P631
9
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20 to 80%)
. . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, 3, and 4)
63P631–117
117 MHz
63P631–4.5
100 MHz
63P631–7
75 MHz
63P631–8
66 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
8.5
10
13.3
15
ns
Clock High Pulse Width
tKHKL
3.6
4
5.3
6
ns
Clock Low Pulse Width
tKLKH
3.6
4
5.3
6
ns
Clock Access Time
tKHQV
4.5
4.5
7
8
ns
Output Enable to Output Valid
tGLQV
4.5
4.5
5
5
ns
Clock High to Output Active
tKHQX1
0
0
0
0
ns
5
Clock High to Output Change
tKHQX2
1.5
1.5
1.5
1.5
ns
5
Output Enable to Output Active
tGLQX
0
0
0
0
ns
5
Output Disable to Q High–Z
tGHQZ
5.5
5.5
7
8
ns
5, 6
Clock High to Q High–Z
tKHQZ
1.5
5.5
1.5
5.5
2
7
2
8
ns
5, 6
Setup Times:
Address
ADSP, ADSC,
ADV
Data In
Write
Chip Enable
tADKH
tADSKH
tDVKH
tWVKH
tEVKH
2.5
2.5
2.5
2.5
ns
Hold Times:
Address
ADSP, ADSC,
ADV
Data In
Write
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHEX
0.5
0.5
0.5
0.5
ns
Sleep Mode Standby
tZZS
2 x
tKHKH
2 x
tKHKH
2 x
tKHKH
2 x
tKHKH
ns
Sleep Mode Recovery
tZZREC
2 x
tKHKH
2 x
tKHKH
2 x
tKHKH
2 x
tKHKH
ns
Sleep Mode High to Q High–Z
tZZQZ
15
15
15
15
ns
NOTES:
1. Write applies to all SBx, SW, and SGW signals when the chip is selected and ADSP high.
2. Chip Enable applies to all SE1, SE2 and SE3 signals whenever ADSP or ADSC is asserted.
3. All read and write cycle timings are referenced from K or G.
4. G is a don’t care after write cycle begins. To prevent bus contention, G should be negated prior to start of write cycle.
5. This parameter is sampled and is not 100% tested.
6. Measured at
± 200 mV from steady state.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VT = 1.5 V
Figure 1. AC Test Load


Similar Part No. - MCM63P631TQ117

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117R MOTOROLA-MCM63P631ATQ117R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P631TQ117

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com