Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL55B Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL55B
Description  PHOTODARLINGTON OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL55B Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL55B Datasheet HTML 1Page - Siemens Semiconductor Group IL55B Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5–1
IL55B
PHOTODARLINGTON
OPTOCOUPLER
Electrical Characteristics (TA=25°C)
Parameter
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage*
1.25
1.5
V
IF=50 mA
Reverse Current*
0.1
10
µAV
R=3.0 V
Capacitance
25
pF
VR=0 V
Detector
BVCEO
80
V
IC=1 mA,
IF=0
BVECO
510
V
IE=100 µA,
IF=0
ICEO
1
µAV
CE=60 V,
IF=0
Package
Current Transfer
Ratio
500
%
IF=10 mA
VCE =1.5 V
Coupling
Capacitance
1.5
pF
Turn-On Time
5
µsV
CC=10 V
Turn -Off Time
100
µsI
F=5 mA
RL=100 Ω
Package Dimensions in Inches (mm)
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
FEATURES
• High Collector-Emitter Breakdown Voltage—
80 V minimum
• High Isolation Resistance, 1011 W Typical
• Standard Plastic DIP Package
• Underwriters Lab File #E52744
VDE 0884 Available with Option 1
DESCRIPTION
The IL55B is an optically coupled isolator with a Gal-
lium Arsenide infrared LED and a silicon photodarling-
ton sensor. Switching can be achieved while
maintaining a high degree of isolation between driving
and load circuits. These optocouplers can be used to
replace reed and mercury relays with advantages of
long life, high speed switching and elimination of
magnetic fields.
Maximum Ratings
Emitter
Peak Reverse Voltage ............................................. 3 V
Continuous Forward Current .............................. 60 mA
Power Dissipation at 25
°C............................... 100 mW
Derate Linearly from 55
°C......................... 1.33 mW/°C
Detector
Collector-Emitter Breakdown Voltage, BVCEO....... 80 V
Emitter-Collector Breakdown Voltage BVECO.......... 5 V
Collector (load) Current.................................... 125 mA
Power Dissipation at 25
°C Ambient ................ 150 mW
Derate Linearly from 25
°C........................... 2.0 mW/°C
Package
Total Dissipation at 25
°C Ambient .................. 250 mW
Derate Linearly from 25
°C........................... 3.3 mW/°C
Isolation Test Voltage (between
emitter and detector refered to
standard climate 23
°C/50%RH,
DIN 50014) ......................................... 5300 VACRMS
Creepage ................................................... 7 mm min.
Clearance.................................................... 7 mm min.
Tracking Resitance, Group III
(KC>600 per VDE 110 § 6,Table 3
and DIN 53480/VDE 0330, Part 1
Isolation Resistance
VIO=500 V, TA=25°C .......................................10
12
VIO=500 V, TA=100°C .....................................10
11
Storage Temperature ........................ –55
°C to +150°C
Operating Temperature .................... –55
°C to +100°C
Lead Soldering Time at 260
°C ......................... 10 sec.
V
DE


Similar Part No. - IL55B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
IL55B-X006 VISHAY-IL55B-X006 Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
IL55B-X007 VISHAY-IL55B-X007 Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
IL55B-X009 VISHAY-IL55B-X009 Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL55B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com