Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N65LG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N65LG-TN3-R
Description  2A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65LG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N65LG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N65LG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N65LG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N65LG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N65LG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N65LG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N65L
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-580.c
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
2.0
A
Drain Current
Continuous
ID
2.0
A
Pulsed (Note 2)
IDM
8.0
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
140
mJ
Repetitive (Note 2)
EAR
4.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
54
W
TO-220F/TO-220F1
23
W
TO-251/TO-251L/TO-252
44
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=64mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
4. ISD≤2.4A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F/TO-220F1
θJA
62.5
°С/W
TO-251/TO-251L/TO-252
100
°С/W
Junction to Case
TO-220
θJc
2.32
°С/W
TO-220F/TO-220F1
5.5
°С/W
TO-251/TO-251L/TO-252
2.87
°С/W


Similar Part No. - 2N65LG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65LG-TN3-R UTC-2N65LG-TN3-R Datasheet
286Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N65LG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65ZL UTC-2N65ZL Datasheet
232Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65K UTC-2N65K Datasheet
235Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65 UTC-2N65_11 Datasheet
195Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65Z UTC-2N65Z Datasheet
206Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com