Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904G-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N3904G-T92-B
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3904G-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  2N3904G-T92-B Datasheet HTML 1Page - Unisonic Technologies 2N3904G-T92-B Datasheet HTML 2Page - Unisonic Technologies 2N3904G-T92-B Datasheet HTML 3Page - Unisonic Technologies 2N3904G-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N3904
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R201-027, D
NPN GENERAL PURPOSE
AMPLIFIER
FEATURES
* Collector-Emitter Voltage: VCEO=40V
* Collector Dissipation: PC(MAX)=625mW
* Complementary to 2N3906
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N3904L-T92-B
2N3904G-T92-B
TO-92
E
B
C
Tape Box
2N3904L-T92-K
2N3904G-T92-K
TO-92
E
B
C
Bulk
2N3904L-T92-R
2N3904G-T92-R
TO-92
E
B
C
Tape Reel


Similar Part No. - 2N3904G-T92-B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904G ONSEMI-2N3904G Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904G ONSEMI-2N3904G Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
logo
Foshan Blue Rocket Elec...
2N3904G FOSHAN-2N3904G Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
ON Semiconductor
2N3904G ONSEMI-2N3904G Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
More results

Similar Description - 2N3904G-T92-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com