Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002LLG-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N7002LLG-AE2-R
Description  60V, 115mA N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002LLG-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N7002LLG-AE2-R Datasheet HTML 1Page - Unisonic Technologies 2N7002LLG-AE2-R Datasheet HTML 2Page - Unisonic Technologies 2N7002LLG-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N7002LL
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-284.d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2N7002LLG-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
162Kb / 3P
   60V, 115mA, N-CHANNEL MOSFET
2N7002LLG-AE2-R UTC-2N7002LLG-AE2-R Datasheet
143Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002LLG-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002L UTC-2N7002L_10 Datasheet
162Kb / 3P
   60V, 115mA, N-CHANNEL MOSFET
2N7002LL UTC-2N7002LL Datasheet
162Kb / 3P
   60V, 115mA, N-CHANNEL MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002K SECOS-S2N7002K Datasheet
1,011Kb / 3P
   115mA, 60V N-Channel Enhancement Mode Power MOSFET
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
   Interface and switching (60V, 115mA)
RK7002T116 ROHM-RK7002T116 Datasheet
115Kb / 4P
   Interface and switching (60V, 115mA)
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com