Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL755B Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL755B
Description  BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL755B Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL755B Datasheet HTML 1Page - Siemens Semiconductor Group IL755B Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–2
IL755B
Figure 8. Switching waveform
Figure 9. Normalized non-satu-
rated and saturated CTRce ver-
sus LED current
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
IF=2 mA
VO
VCC=10 V
RL
F=10 KHz,
DF=50%
Figure 1. LED forward current versus forward voltage
Figure 2. Normalized non-saturated and saturated
CTRce versus LED current
Figure 3. Normalized non-saturated and saturated
CTRce versus LED current
Figure 4. Normalized non-saturated and saturated
Ice versus LED current
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-60
-40
-20
0
20
40
60
25
°C
85
°C
–55
°C
VF - LED Forward Voltage - V
100
10
1
.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF - LED Current - mA
Vce = 1 V
Vce = 5 V
Normalized to:
Ta = 25
°C
Vce = 5 V
IF = 1 mA
100
10
1
.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vce = 1 V
Vce = 5 V
IF - LED Current - mA
Normalized to:
Ta = 25
°C
Vce = 5 V
IF = 2 mA
100
10
1
.1
.01
.1
1
10
100
Vce = 5 V
Vce = 1 V
IF - LED Current - mA
Normalized to:
Ta = 25
°C
Vce = 5 V
IF = 2 mA
Figure 5. Normalized non-saturated and saturated
collector-emitter current versus LED current
Figure 6. Low to high propagation delay versus
collector load resistance and LED current
Figure 7. High to low propagation delay versus
collector load resistance and LED current
100
10
1
.1
.001
.01
.1
1
10
Vce = 1V
Vce = 5 V
IF - LED Current - mA
Ta = 25
°C
IF = 10 mA
Vce = 5 V
Normalized to:
0
5
10
15
20
0
20
40
60
80
Ta = 25
°C, Vcc = 5V
Vth = 1.5 V
220
470
1K
IF - LED Current - mA
100
0
5
10
15
20
0
5
10
15
20
100
1K
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V


Similar Part No. - IL755B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
Rev. 1.4, 26-Oct-04
IL755 VISHAY-IL755 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2022
IL755 VISHAY-IL755 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2023
IL755-1 VISHAY-IL755-1 Datasheet
137Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
Rev. 1.4, 26-Oct-04
More results

Similar Description - IL755B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
   Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
   BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL766 SIEMENS-IL766 Datasheet
65Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
logo
Solid State Optronic
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
   DC Input Photo-Darlington Optocoupler
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
   DC Input Photo-Darlington Optocoupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com