Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002ZT Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N7002ZT
Description  300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002ZT Datasheet(HTML) 2 Page - Unisonic Technologies

  2N7002ZT_12 Datasheet HTML 1Page - Unisonic Technologies 2N7002ZT_12 Datasheet HTML 2Page - Unisonic Technologies 2N7002ZT_12 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002ZT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-538.C
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
300
mA
Pulse(Note 2)
800
Power Dissipation
PD
200
mW
Derating above TA=25°C
1.6
mW/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10µA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
1.0
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=10V, ID=1mA
1.0
1.85
2.5
V
Static Drain-Source On-Resistance (Note)
RDS(ON)
VGS=10V, ID=0.3A, TJ=125°C
13.5
VGS=5V, ID=0.05A
7.5
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
25
50
pF
Output Capacitance
COSS
10
25
pF
Reverse Transfer Capacitance
CRSS
3.0
5.0
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
ID=0.2 A, VDD=30V, VGS=10V,
RL=150Ω, RG=10Ω
12
20
ns
Turn-OFF Delay Time
tD(OFF)
20
30
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, Is=300mA (Note )
0.88
1.5
V
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
0.8
A
Maximum Continuous Drain-Source Diode
Forward Current
Is
300
mA
Note: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch. Minimum land pad size.
2. Pulse width≦300μs, Duty cycle≦1%


Similar Part No. - 2N7002ZT_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZTG-AN3-R UTC-2N7002ZTG-AN3-R Datasheet
164Kb / 3P
   300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZTL-AN3-R UTC-2N7002ZTL-AN3-R Datasheet
164Kb / 3P
   300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002ZT_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZDW UTC-2N7002ZDW_12 Datasheet
177Kb / 3P
   300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZW UTC-2N7002ZW_12 Datasheet
164Kb / 3P
   300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002Z UTC-2N7002Z_12 Datasheet
183Kb / 4P
   300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
   300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002DW UTC-2N7002DW_12 Datasheet
291Kb / 6P
   300mA, 60V DUAL N-CHANNEL POWER MOSFET
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD Datasheet
712Kb / 8P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS32109 Rev 1 - 2
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com