Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSTB8BS4C2B Datasheet(PDF) 1 Page - OptoSupply International

Part # OSTB8BS4C2B
Description  5x5x1.5mm Red & Pure Green & Blue Top SMD LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTB8BS4C2B Datasheet(HTML) 1 Page - OptoSupply International

  OSTB8BS4C2B Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5x
x5
5x
x1
1..5
5m
mm
m R
Re
ed
d &
& P
Pu
ur
re
e G
Gr
re
ee
en
n &
& B
Bllu
ue
e T
To
op
p S
SM
MD
D
L
LE
ED
D
OSTB8BS4C2B
Features
Outline Dimension
High Luminous PLCC6 Top SMD LEDs
55..00xx55..00xx11..55m
mm
m Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Black surface,
White diffused Type
Applications
Toys/Games/Audio
Small Area Illuminations
Back Lighting/Other Lighting
2.3
4.1
Unite:mm
Tolerance:±0.20
0.9
Back View
12
3
4
5
6
RL
BL
1
2
3
4
5
6
1,2,3.Cathode
4,5,6.Anode
GL
Absolute Maximum Rating
(Ta=25
)
Directivity
Value
Item
Symbol
Red
Green/Blue
Unit
DC Forward Current
IF
50
30
mA
Pulse Forward Current*
IFP
120
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
130
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VF (R)
IF=20mA
1.8
2.1
2.6
V
DC Forward Voltage
VF (B/G)
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD(Red)
IF=20mA
620
625
630
nm
λD(Green)
IF=20mA
520
525
530
nm
Domi. Wavelength*
λD(Blue)
IF=20mA
465
470
475
nm
Iv(Red)
IF=20mA
500
750
-
mcd
Iv(Green)
IF=20mA
1120
1560
-
mcd
Luminous Intensity*
Iv(Blue)
IF=20mA
330
500
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSTB8BS4C2B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTB8BS4C2B OPTOSUPPLY-OSTB8BS4C2B Datasheet
119Kb / 1P
   5x5x1.5mm Red & Pure Green & Blue Top SMD LED
More results

Similar Description - OSTB8BS4C2B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTB8BS4C2B OPTOSUPPLY-OSTB8BS4C2B Datasheet
119Kb / 1P
   5x5x1.5mm Red & Pure Green & Blue Top SMD LED
OSTCMBS4C2A OPTOSUPPLY-OSTCMBS4C2A_12 Datasheet
116Kb / 1P
   5x5x1.5mm Pure Green &Red & Blue Top SMD LED
OSTCMBS4C1A OPTOSUPPLY-OSTCMBS4C1A_12 Datasheet
116Kb / 1P
   5x5x1.5mm Pure Green &Red & Blue Top SMD LED
OSTCMBS4C1A OPTOSUPPLY-OSTCMBS4C1A Datasheet
102Kb / 1P
   5x5x1.5mm Pure Green &Red & Blue Top SMD LED
OSTCMBS4C2A OPTOSUPPLY-OSTCMBS4C2A Datasheet
102Kb / 1P
   5x5x1.5mm Pure Green &Red & Blue Top SMD LED
OSTBPBS4C2B OPTOSUPPLY-OSTBPBS4C2B Datasheet
119Kb / 1P
   5x5x1.5mm Red & Pure Green & Blue Top SMD LED
OSG5DTS4C1A OPTOSUPPLY-OSG5DTS4C1A_12 Datasheet
114Kb / 1P
   5x5x1.5mm Pure Green Top SMD LED
OSW5DTS4C1A OPTOSUPPLY-OSW5DTS4C1A Datasheet
100Kb / 1P
   5x5x1.5mm Pure White Top SMD LED
OSW443S4C1A OPTOSUPPLY-OSW443S4C1A Datasheet
115Kb / 2P
   5x5x1.5mm Pure White Top SMD LED
OSW5DTS4C1A OPTOSUPPLY-OSW5DTS4C1A_09 Datasheet
159Kb / 1P
   5x5x1.5mm Pure White Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com