Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17049X+T10 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17049X+T10
Description  Micropower 1-Cell/2-Cell Li ModelGauge ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17049X+T10 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17049X+T10 Datasheet HTML 5Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 6Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 7Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 8Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 9Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 10Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 11Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 12Page - Maxim Integrated Products MAX17049X+T10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX17048/MAX17049
Micropower 1-Cell/2-Cell Li+ ModelGauge ICs
Battery Swap Detection
If VCELL falls below VRST, the IC quick-starts when VCELL
returns above VRST. This handles battery swap; the SOC
of the previous battery does not affect that of the new
one. See the Quick-Start and VRESET/ID Register (0x18)
sections.
Quick-Start
If the IC generates an erroneous initial SOC, the battery
insertion and system powerup voltage waveforms must
be examined to determine if a quick-start is necessary,
as well as the best time to execute the command. The IC
samples the maximum VCELL during the first 17ms. See
the Battery Insertion Debounce section. Unless VCELL is
fully relaxed, even the best sampled voltage can appear
greater or less than OCV. Therefore, quick-start must be
used cautiously.
Most systems should not use quick-start because the
ICs handle most startup problems transparently, such as
intermittent battery-terminal connection during insertion.
If battery voltage stabilizes faster than 17ms, as illus-
trated in Figure 6, then do not use quick-start.
The quick-start command restarts fuel-gauge calcula-
tions in the same manner as initial power-up of the IC.
If the system power-up sequence is so noisy that the
initial estimate of SOC has unacceptable error, the sys-
tem microcontroller might be able to reduce the error
by using quick-start. A quick-start is initiated by a rising
edge on the QSTRT pin, or by writing 1 to the quick-start
bit in the MODE register.
Power-On Reset (POR)
POR includes a quick-start, so only use it when the
battery is fully relaxed. See the Quick-Start section.
This command restores all registers to their default
values. After this command, reload the custom model.
See the CMD Register (0xFF) section.
Hibernate Mode
The ICs have a low-power hibernate mode that can
accurately fuel gauge the battery when the charge/
discharge rate is low. By default, the device automati-
cally enters and exits the hibernate mode according to the
charge/discharge rate, which minimizes quiescent current
(below 5FA) without compromising fuel-gauge accuracy.
The ICs can be forced into hibernate or active modes. Force
the IC into hibernate mode to reduce power consumption in
applications with less than C/4-rate maximum loading. For
applications with higher loading, Maxim recommends the
default configuration of automatic control of hibernate mode.
In hibernate mode, the device reduces its ADC conver-
sion period and SOC update to once per 45s. See the
HIBRT Register (0x0A) section for details on how the IC
automatically enters and exits hibernate mode.
Figure 6. Insertion Waveform Not Requiring Quick-Start Command
Figure 7. Insertion Waveform Requiring Quick-Start Command
STEADY SYSTEM
LOAD BEGINS
VCELL HAS
FULLY RELAXED
TIME
VCELL
INITIAL SAMPLE
DEBOUNCE WINDOW
TIME
VCELL
INITIAL SAMPLE
DEBOUNCE WINDOW
QUICK-START DURING
THIS TIME SPAN
STEADY
SYSTEM
LOAD BEGINS
BEST TIME TO
QUICK-START
VCELL HAS
FULLY RELAXED


Similar Part No. - MAX17049X+T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17049X+T10 MAXIM-MAX17049X+T10 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
More results

Similar Description - MAX17049X+T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
   3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com