Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98307ETE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX98307ETE+
Description  3.3W Mono Class DG Multilevel Audio Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98307ETE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX98307ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 10Page - Maxim Integrated Products MAX98307ETE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
Typical Operating Characteristics (continued)
(VPVDD = VCC = VSHDN = 3.6V, VPGND = VGND = 0V, ZL = 8ω + 68FH between OUT+ and OUT-, AV = 14.5dB (MAX98307 RIN+ =
RIN- = 10kω, RFB+ = RFB- = 20kω), CIN+ = CIN- = 0.33µF, AC measurement bandwidth 20Hz to 20kHz.)
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98307)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 3.6V
POUT = 300mW
POUT = 1.3W
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98308)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 3.6V
POUT = 300mW
POUT = 1.1W
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98307)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 4.2V
POUT = 500mW
POUT = 1.6W
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98308)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 4.2V
POUT = 500mW
POUT = 1.6W
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98307)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 5V
POUT = 700mW
POUT = 2.4W
0.01
0.1
1
10
0.001
10
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (MAX98308)
FREQUENCY (kHz)
10k
1k
100
100k
VPVDD = 5V
POUT = 700mW
POUT = 2.4W


Similar Part No. - MAX98307ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98307ETE++ MAXIM-MAX98307ETE+ Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 1; 8/11
MAX98307ETE++ MAXIM-MAX98307ETE+ Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
More results

Similar Description - MAX98307ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98307_1108 MAXIM-MAX98307_1108 Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 1; 8/11
MAX98307_1109 MAXIM-MAX98307_1109 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 2; 9/11
MAX98307 MAXIM-MAX98307_V01 Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
MAX98307 MAXIM-MAX98307 Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier Excellent RF Immunity
Rev 0; 6/11
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com