Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ615-2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # ILQ615-2
Description  PHOTOTRANSISTOR OPTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ615-2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  ILQ615-2 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ615-2 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ615-2 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ615-2 Datasheet HTML 4Page - Siemens Semiconductor Group ILQ615-2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5–5
ILD/Q615
Figure 14. Normalization factor for non-saturated
and saturated CTR TA=85°C versus if
Figure 15. Collector-emitter current versus temperature
and LED current
Figure 16. Collector-emitter leakage versus
temperature
.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Normalized to:
Vce = 10V, IF = 5mA, Ta = 25
°C
Ta = 100
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA
NCTRce(sat)
NCTRce
Ta=100
°C
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
Figure 17. -1 Propagation delay versus collector load re-
sistor
Figure 18. -2, -3 Propagation delay versus collector
load resistor
Figure 19. -4 Propagation delay versus collector
load resistor
.1
1
10
100
1
10
100
1000
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RL - Load Resistor - K
tPLH
tPHL
Ta= 25
°C, IF = 10mA
Vcc = 5V, Vth = 1.5V
.1
1
10
100
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
tPLH
tPHL
Ta = 25
°C, IF = 10mA
Vcc = 5V, Vth = 1.5V
.1
1
10
100
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
tPLH
tPHL
Ta = 25
°C, IF = 10mA
Vcc = 5V, Vth = 1.5V


Similar Part No. - ILQ615-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ615-2 VISHAY-ILQ615-2 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-2 VISHAY-ILQ615-2 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILQ615-2 VISHAY-ILQ615-2 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-2X007 VISHAY-ILQ615-2X007 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-2X007 VISHAY-ILQ615-2X007 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ615-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com