Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ620 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # ILQ620
Description  AC INPUT PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ620 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  ILQ620 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ620 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ620 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ620 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5–3
ILD/Q620/GB
Figure 4. Saturated switching timing
Figure 5. LED forward current versus forward voltage
Characteristic
Symbol
Typ.
Unit
Test
Condition
On Time
TON
3.0
µsI
F=± 10 mA
VCC=5 V
RL=75 Ω
50% of VPP
Rise Time
tR
20
µs
Off Time
tOFF
2.3
µs
Fall Time
tF
2.0
µs
Propagation H-L
tPHL
1.1
µs
Propagation L-H
tPLH
2.5
µs
Characteristic
Symbol
Typ.
Unit
Test
Condition
On Time
TON
4.3
µsI
F=± 10 mA
VCC=5 V
RL=1 Ω
VTH=1.5 V
Rise Time
tR
2.8
µs
Off Time
tOFF
2.5
µs
Fall Time
tF
11
µs
Propagation H-L
tPHL
2.6
µs
Propagation L-H
tPLH
7.2
µs
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-60
-40
-20
0
20
40
60
25
°C
85
°C
–55
°C
VF - LED Forward Voltage - V
Figure 6. Collector-emitter leakage versus temperature
Figure 7. Maximum LED current versus ambient
temperature
Figure 8. Maximum LED power dissipation
Figure 9. Collector current versus diode forward
current
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
gp
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
--60
-40
-20
0
20
40
60
80
100
120
100
80
60
40
0
20
Ta - Ambient Temperature -
°C
TJ (MAX)=100
°C
--60
-40
-20
0
20
40
60
80
100
200
100
0
50
Ta - Ambient Temperature -
°C
150
1
5
10
20
100
50
10
2.5
5.0
1.0
0.5
0.1
Forward Current–I
F (mA)
Normalized to
ILD/Q620GB
ILD/Q620
I
F=10 mA
V
CE=5 V
T
A=25°C


Similar Part No. - ILQ620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ620 VISHAY-ILQ620 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.3, 26-Apr-04
ILQ620 VISHAY-ILQ620 Datasheet
181Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.8, 12-Apr-13
ILQ620 VISHAY-ILQ620 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2022
ILQ620 VISHAY-ILQ620 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2023
ILQ620-X001 VISHAY-ILQ620-X001 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com